AI

The **M2UDS2-A2-R/Q** is a specific model within the **M2UDS Series** of universal digital indicators/controllers, typically manufactured by companies specializing in industrial automation (such as **M-System** or similar power electronics firms).
These devices are designed to receive analog signals, display them digitally, and provide relay outputs for process control or alarm monitoring.
---
### 1. Technical Specifications Breakdown
The alphanumeric code provides specific details regarding its internal electronics and capabilities:
| Component Category | Specification Details |
| :--- | :--- |
| **Input Signal** | Universal (DC Current/Voltage, Thermocouple, RTD) |
| **Power Input (A2)** | High Voltage AC (typically 100V – 240V AC) |
| **Output Type (R)** | Relay Contact Output (Mechanical relays for switching) |
| **Option (Q)** | Quality/Special Specification (often signifies custom factory settings or coating) |
| **Mounting** | 1/8 DIN size (96 x 48 mm) |
---
### 2. Core Electronic Architecture
The internal circuitry of the M2UDS2-A2-R/Q consists of four primary blocks:
#### A. Analog-to-Digital Conversion (ADC)
The device uses a high-resolution ADC to transform incoming sensor signals (like 4-20mA or 0-10V) into digital data. It features high input impedance to ensure signal integrity and minimal loading on the source circuit.
#### B. Microprocessor Unit (MPU)
The "brain" of the unit handles:
* **Linearization:** Adjusting non-linear sensor curves (like Thermocouples).
* **Scaling:** Converting the voltage/current into engineering units (e.g., PSI, °C, Liters).
* **Logic:** Comparing the input against user-defined "Set Points" (SP).
#### C. Power Supply Section (A2)
The internal power module is a **Switching Mode Power Supply (SMPS)**. It converts the 100-240V AC input into low-voltage DC (5V or 12V) required for the internal logic boards and the display LEDs.
#### D. Relay Output Circuit (R)
This section contains physical electromagnetic relays. When the measured value crosses a set threshold, the MPU sends a signal to a transistor, which energizes the relay coil, closing or opening the dry contact for external machinery.
---
### 3. Connection Diagram Overview
| Terminal Number | Function | Description |
| :--- | :--- | :--- |
| **1 - 2** | Power Supply | 100V-240V AC Input |
| **4 - 5 - 6** | Relay Output | Common, Normally Open (NO), Normally Closed (NC) |
| **Input Terminals** | Analog Input | Varies based on sensor type (Voltage vs. Current) |
---
### 4. Key Features
* **Galvanic Isolation:** The input, output, and power supply are electrically isolated to prevent ground loops and protect the electronics from surges.
* **Non-Volatile Memory:** Configuration data is stored in EEPROM, ensuring settings are not lost during power failures.
* **Dual Display:** Usually features a Red/Green LED display for easy status identification.
- ⤷
How do I calibrate the input scaling for a 4-20mA signal on this device?
- ⤷ What is the maximum contact rating for the 'R' relay output?
- ⤷ Is this model compatible with Modbus RTU communication?