M2UDS2-AB-R/CE
AI

Based on the provided part number **M2UDS2-AB-R/CE**, this device belongs to the **M2UDS series** of digital panel meters and signal converters manufactured by **M-System** (a subsidiary of MG CO., LTD).
This specific unit is a **Digital Multi-Unit** designed for mounting in industrial control panels to monitor and convert various electrical signals.
---
### ## Technical Specifications Breakdown
The alphanumeric code describes the specific hardware configuration and functional capabilities of the unit:
| Section | Code | Description |
| :--- | :--- | :--- |
| **Series** | M2UDS2 | Compact Digital Multi-Unit (typically 1/8 DIN size) |
| **Input Type** | AB | Universal Input (Configurable for DC Voltage/Current) |
| **Output Type** | R | Relay Contact Output (Usually Dual/Double setpoints) |
| **Standards** | /CE | Conforms to European Safety & EMC Standards (CE Marking) |
---
### ### Core Electronic Components & Features
The device is composed of several critical electronic sub-systems:
1. **Analog-to-Digital (A/D) Converter:**
* Features a high-resolution A/D stage (often 16-bit or higher) to transform incoming analog sensor signals into digital data for the microprocessor.
2. **Microcontroller (MCU):**
* Processes the digital signal, applies scaling factors, manages the display refresh rate, and monitors threshold levels for the alarm outputs.
3. **Isolation Circuitry:**
* Provides high-dielectric strength (typically up to 2000V AC) between input, output, and power supply to protect sensitive upstream PLC/DCS systems from surges.
4. **Display Module:**
* Usually utilizes a 4-digit red LED or high-contrast LCD for clear visibility in industrial environments.
5. **Relay Output Stage:**
* Mechanical or Solid-State relays used for "High/Low" alarm triggering or basic On/Off control.
---
### ### Typical Application Circuit
When wiring this part into an electronic system, the configuration usually follows this logic:
```mermaid
graph LR
A[Sensor/Transmitter] -->|4-20mA / 1-5V| B(M2UDS2 Input)
B --> C{MCU Logic}
C --> D[LED Display]
C --> E[Relay 1: High Alarm]
C --> F[Relay 2: Low Alarm]
```
---
### ### Key Electrical Ratings
* **Power Supply:** Usually available in AC (100–240V) or DC (24V) variants (check label for exact suffix).
* **Input Impedance:** High impedance for voltage (approx. 1MΩ) and low for current (approx. 250Ω).
* **Response Time:** Programmable, typically ranging from 0.1 to 60 seconds to filter out signal noise.
---
- ⤷
What are the specific wiring terminal assignments for the M2UDS2-AB-R/CE?
- ⤷ How do I calibrate the input scaling using the front panel buttons?
- ⤷ Does this model support Modbus RTU communication for digital data logging?