M2UDS2-AB-R2
AI

The **M2UDS2-AB-R2** is a specialized electronic component, typically categorized as a **Solid State Timer** or **Time Delay Relay**, often manufactured by industrial control brands like *Crouzet* or *Schneider Electric* (specifically within the Syrline or similar series).
Below is a breakdown of its electronic characteristics and specifications.
---
### 1. General Specifications
This device is designed for DIN-rail mounting in control panels to manage the timing of electrical circuits.
| Feature | Specification |
| :--- | :--- |
| **Product Type** | Multi-function / Multi-range Timer |
| **Mounting Type** | 17.5mm DIN Rail |
| **Contact Configuration** | 1 Changeover Contact (SPDT) |
| **Rated Current** | 8A (Resistive) |
| **Supply Voltage** | 24 - 240V AC / 24V DC |
---
### 2. Core Electronic Functions
The "AB" in the part number usually signifies the functional mode, while "M2" refers to the slim modular housing.
* **Asymmetrical Recycling:** The "AB" designation frequently refers to **Asymmetrical Flasher** or **Recycling** functions. This allows the user to set two different independent times:
* **T1 (OFF Time):** The duration the relay remains inactive.
* **T2 (ON Time):** The duration the relay remains active.
* **Time Ranges:** It typically supports multiple scales ranging from **0.1 seconds to 100 hours**, adjustable via the rotary potentiometers on the front face.
---
### 3. Internal Component Breakdown
| Part | Purpose |
| :--- | :--- |
| **Potentiometers** | Analog dials used to select time scale and fine-tune the delay duration. |
| **Microcontroller (MCU)** | The "brain" that counts clock cycles to ensure precision timing. |
| **Output Relay** | An electromechanical component that physically switches the load (rated for 250VAC). |
| **LED Indicators** | Usually two: Green (Power On) and Yellow (Relay Status/Flashing during timing). |
| **Power Supply Section** | Switch-mode or capacitive dropper circuit to handle wide-range input (24V-240V). |
---
### 4. Terminal Mapping
The device uses standard screw terminals for wiring:
1. **A1 - A2:** Power supply inputs.
2. **15:** Common terminal for the relay.
3. **16:** Normally Closed (NC) contact.
4. **18:** Normally Open (NO) contact.
---
### 5. Application Use Cases
* **HVAC Systems:** Cycling fans or compressors at specific intervals.
* **Industrial Automation:** Lubrication cycles where a pump runs for 1 minute every 4 hours.
* **Lighting Control:** Automated flashing for warning signals or sequential display.
- ⤷
How do you wire a 24V DC source to the M2UDS2-AB-R2?
- ⤷ What is the difference between Symmetrical and Asymmetrical flashing?
- ⤷ What is the maximum power consumption of this module?