Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2UDS2-AD-R/N

  • AI
    The **M2UDS2-AD-R/N** is a specialized electronic component, specifically a **Digital Indicator/Converter with Alarm outputs** manufactured by **M-System** (now part of MG CO., LTD). It is primarily used in industrial automation for signal conditioning and monitoring. --- ### 1. General Specifications The part number follows a specific nomenclature that defines its electronic characteristics: | Feature | Specification | | :--- | :--- | | **Model Series** | M2UDS2 (Multi-function Digital Indicator) | | **Input** | Universal (DC Voltage/Current) | | **Power Input (AD)** | 100 – 240V AC / 24 – 240V DC | | **Output (R)** | Relay Contact Output (Dual Alarms) | | **Option (N)** | No specific additional options (Standard) | --- ### 2. Core Electronic Functions #### A. Signal Conditioning The device acts as a **High-Resolution Signal Converter**. It takes an analog input (like 4-20mA or 0-10V) from a sensor and converts it into a digital value displayed on its front panel. It can also provide a retransmitted analog output to a PLC or DCS. #### B. Alarm Logic (The "R" Suffix) The "R" indicates **Relay Outputs**. * **Dual Alarms:** It features two independent SPDT (Single Pole Double Throw) relays. * **Configurable Thresholds:** Users can set "High" and "Low" trip points. When the input signal crosses these thresholds, the electronic relays switch state to trigger sirens, shut down motors, or signal a controller. #### C. Universal Power Supply (The "AD" Suffix) The internal power electronics are designed for global compatibility: * **Switching Power Supply:** It handles a wide range of voltages (100V to 240V AC) without needing manual jumpers. * **Isolation:** The electronics provide galvanic isolation between the input, output, and power terminals, protecting sensitive equipment from electrical surges and ground loops. --- ### 3. Technical Parameters | Parameter | Value | | :--- | :--- | | **Display** | 4-digit Red LED | | **Response Time** | ≤ 0.5 seconds | | **Isolation Resistance** | 100 MΩ or more (at 500V DC) | | **Dielectric Strength** | 2000V AC @ 1 minute | | **Mounting** | DIN Rail or Surface Mount | --- ### 4. Typical Applications 1. **Level Monitoring:** Displaying the volume of a liquid in a tank via a pressure sensor and triggering an alarm if it overflows. 2. **Temperature Control:** Monitoring a heat sensor and shutting down a furnace if the temperature exceeds safety limits. 3. **Process Integration:** Converting a non-standard sensor signal into a standard 4-20mA loop while providing a local visual readout.
    ✨ Follow-up Questions
    • ⤷ How do you configure the alarm setpoints on the M2UDS2?
    • ⤷ What are the specific wiring diagrams for the relay outputs?
    • ⤷ Can this model support Modbus communication for remote monitoring?