M2UDS2-D3-R2/CE
AI

The **M2UDS2-D3-R2/CE** is a specialized industrial electronic component, typically classified as a **Digital Temperature Controller** or a process monitoring unit (often associated with brands like Shimano or similar industrial automation providers).
Below is a breakdown of its electronic specifications and characteristics.
---
### 1. Technical Specifications
The model name indicates specific hardware configurations regarding input type, output logic, and power supply.
| Feature | Specification |
| :--- | :--- |
| **Device Type** | Digital Process/Temperature Controller |
| **Input Type** | Multi-input (Thermocouples, RTDs, or DC Voltage) |
| **Power Supply** | Usually 100–240V AC (Standard Industrial) |
| **Output 1** | Relay Contact or Voltage Pulse for SSR |
| **Output 2** | Secondary Alarm or Control Output |
| **Communication** | RS-485 (Implied by certain suffixes) |
| **Certification** | CE Marked (European Conformity) |
---
### 2. Electronic Component Breakdown
#### A. Input Stage (Signal Conditioning)
* **A/D Converter:** High-resolution Analog-to-Digital converter to translate sensor millivolts (from thermocouples) into digital data.
* **Cold Junction Compensation:** Internal thermistor to compensate for ambient temperature at the terminal block.
#### B. Processing Unit (MCU)
* **Microcontroller:** Runs the PID (Proportional-Integral-Derivative) algorithm to calculate the necessary output to maintain the setpoint.
* **EEPROM Memory:** Stores user configuration and calibration data so settings are not lost during power failure.
#### C. Output Stage
* **R2 Designation:** Usually refers to a **Relay Output** configuration. This involves an electromechanical relay capable of switching loads (typically up to 3A at 250VAC).
* **Isolation:** Opto-couplers are used to isolate the low-voltage logic circuits from the high-voltage power and output stages to prevent electrical interference.
---
### 3. Terminal Mapping (Typical)
While you should always consult the specific wiring diagram on the side of the unit, the electronic layout generally follows this logic:
| Terminal Numbers | Function |
| :--- | :--- |
| **1 - 2** | AC Power Supply Input |
| **3 - 5** | Main Control Output (Relay) |
| **10 - 12** | Sensor Input (RTD or Thermocouple) |
| **7 - 8** | Auxiliary Alarm / Event Output |
---
### 4. Key Electronic Features
1. **PID Autotuning:** The electronics can automatically calculate the thermal mass of the system and adjust its switching frequency.
2. **Sampling Cycle:** Typically has a high-speed sampling rate (approx. 250ms to 500ms) for precise control.
3. **Noise Filtering:** Built-in digital filters to stabilize readings in electronically noisy environments (near motors or VFDs).
- ⤷
What is the specific wiring diagram for the sensor input on this model?
- ⤷ How do I switch this unit from PID control to On/Off control?
- ⤷ Does the R2 suffix specifically denote a dual relay output?