Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2UDS2-FW1-R2/N

  • AI
    The **M2UDS2-FW1-R2/N** is a specialized electronic component from the **M2UDS series**, manufactured by **M-System** (a subsidiary of MG CO., LTD). It is primarily a **Signal Conditioner (Isolator)** designed for industrial automation and process control. --- ### 1. Key Technical Specifications The model number represents a specific configuration for input, output, and power supply: | Specification | Details | | :--- | :--- | | **Model Function** | Dual-Output Signal Conditioner (Isolator) | | **Input Signal** | 4 – 20 mA DC | | **Output 1 (FW1)** | 4 – 20 mA DC (Non-isolated from Output 2 depending on circuit) | | **Output 2** | 1 – 5 V DC | | **Power Supply (R2)** | 11 – 27 V DC | | **Communication (/N)** | Without communication function (standard analog) | | **Isolation** | Input to output to power (3-port isolation) | --- ### 2. Core Electronic Components & Architecture Internally, the device consists of several critical electronic stages: #### A. Input Conditioning Circuit * **Precision Shunt Resistor:** Converts the 4-20 mA current input into a proportional voltage signal. * **Operational Amplifiers (Op-Amps):** Low-drift, high-precision amplifiers used to buffer the input signal. #### B. Galvanic Isolation Barrier * **Optical Isolators or Transformer Coupling:** This is the "core" of the device. It breaks the electrical path between the input (field side) and the output (PLC/DCS side). * **Function:** Prevents ground loops, protects sensitive control equipment from high-voltage surges, and reduces common-mode noise. #### C. Power Management * **DC-DC Converter:** Converts the 24V DC supply into isolated internal voltages required for the input and output stages. * **Filtering:** Capacitors and inductors (LC filters) are used to ensure stable DC power and low ripple. #### D. Output Driver Stage * **Voltage/Current Generators:** Converts the isolated signal back into a standardized 4-20mA current (Output 1) and 1-5V voltage (Output 2) to drive external loads. --- ### 3. Physical Layout and Mounting * **Terminal Blocks:** Screw-type terminals for field wiring. * **Housing:** Compact, DIN-rail mountable plastic enclosure designed for high-density installation in control panels. * **LED Indicators:** Typically features a power status LED to indicate the health of the internal DC-DC converter. --- ### 4. Summary of Application This part is used when a single sensor signal (like a pressure transmitter) needs to be sent to two different devices—for example, a **Local Display** (using the 4-20mA loop) and a **PLC Analog Input card** (using the 1-5V signal)—while ensuring the signals are electrically isolated to prevent interference.
    ✨ Follow-up Questions
    • ⤷ What is the significance of the 'R2' power supply code in M-System nomenclature?
    • ⤷ How does 3-port isolation differ from standard isolation in this model?
    • ⤷ What are the maximum load resistance limits for the 4-20mA output stage?