M2UDS2-FW2-R2/Q
AI

The **M2UDS2-FW2-R2/Q** is a specialized electronic component, typically classified as a **High-Performance M.2 Expansion Module** (often used in industrial computing or networking equipment like Axiomtek systems). It serves as an interface bridge to provide additional I/O or storage capabilities via an M.2 slot.
---
### 1. Key Technical Specifications
Below is a breakdown of the primary electronic characteristics of this module:
| Component Feature | Specification / Detail |
| :--- | :--- |
| **Form Factor** | M.2 2280 (80mm x 22mm) |
| **Interface Protocol** | PCIe (usually Gen3 x2 or x4) |
| **Controller Type** | High-speed I/O Bridge / SATA Controller |
| **Connectors** | 2x Mini-SAS or SATA-style internal headers |
| **Operating Voltage** | 3.3V (standard M.2 power rail) |
| **Operating Temp** | -40°C to +85°C (Industrial Grade) |
---
### 2. Functional Electronic Parts
The module consists of several critical sub-circuits and components:
#### A. The Bridge Controller (The Brain)
This is the central Integrated Circuit (IC). It acts as a translator between the **PCIe bus** (from the motherboard) and the **SATA/SAS signals**. It manages data flow, error correction, and signal integrity.
#### B. Power Management (VRM)
Because M.2 slots provide raw 3.3V, the board includes:
* **Voltage Regulators:** To drop or stabilize voltage for the controller chip (often 1.0V or 1.8V).
* **Decoupling Capacitors:** Small MLCC (Multi-Layer Ceramic Capacitors) used to filter electronic noise and prevent data corruption.
#### C. Signal Conditioning
* **Differential Pair Routing:** The PCB traces are designed with specific impedance (usually 85-100 ohms) to ensure high-speed signals don't degrade.
* **Clock Generator:** Provides the precise timing required for synchronized data transfer between the host and the connected drives.
---
### 3. Usage Context
The "/Q" suffix often denotes a specific revision or a "Quick-install" / Industrial validation version. These parts are commonly found in:
1. **Network Video Recorders (NVR):** To add extra storage channels.
2. **Industrial PCs:** For RAID configurations in small form factors.
3. **Edge Servers:** Where physical space for standard PCIe cards is unavailable.
---
### 4. Pinout Overview (M.2 M-Key)
The electronic connection to the motherboard follows the M-Key standard:
```markdown
Pin 1-11: GND / 3.3V Power
Pin 12-19: PCIe Lane 3 (Tx/Rx)
Pin 20-32: PCIe Lane 2 (Tx/Rx)
...
Pin 75: GND
```
---
- ⤷What is the maximum data transfer rate supported by the M2UDS2-FW2-R2/Q?
- ⤷ Does this module require specific drivers for Windows or Linux environments?
- ⤷ Is this module compatible with standard consumer-grade B-Key M.2 slots?