AI

The **M2UDS2-FWB-R** is a specific part number typically associated with **IDEC Corporation’s** line of miniature pilot lights and switches. This particular component belongs to the **M2 series**, known for its compact design and high reliability in industrial control panels.
Below is a detailed breakdown of its electronic and mechanical specifications.
---
### 1. Component Overview
The M2UDS2-FWB-R is an **LED-illuminated Pilot Light**. These are used as status indicators on machinery to notify operators of power status, faults, or process completion.
### 2. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Series** | IDEC M2 Series (Miniature Indicator) |
| **Body Shape** | Square (S2) |
| **Illumination Type** | LED |
| **Color** | Red (R) |
| **Input Voltage** | Typically 24V AC/DC (Standard for FWB suffix) |
| **Mounting Hole** | 12mm diameter |
| **Protection Rating** | IP40 (Dustproof) |
| **Termination** | Solder terminals / Tab terminals |
---
### 3. Part Number Breakdown (Nomenclature)
To understand the electronic function, we can dissect the part number:
* **M2**: The series designation (IDEC 12mm Miniature series).
* **U**: Unit type (Indicator/Pilot light).
* **D**: LED Lamp type.
* **S2**: Square bezel/operator shape (approx. 18mm x 18mm).
* **FWB**: This designates the **Full Voltage** type with a specific internal resistor/circuitry (usually rated for 24V).
* **R**: Lens and LED color (Red).
---
### 4. Key Electronic Characteristics
* **Integrated Resistor:** Unlike bare LEDs, this unit includes internal current-limiting circuitry, allowing it to be connected directly to a power source (e.g., 24V) without burning out.
* **Low Power Consumption:** Because it utilizes LED technology rather than incandescent bulbs, it has a very low current draw (typically <20mA) and a long operational life (approx. 50,000 hours).
* **Polarity:** For DC applications, polarity must be observed at the terminals, although many modern IDEC units include bridge rectifiers for AC/DC compatibility.
---
### 5. Common Applications
1. **Control Panels:** Small-scale industrial interfaces where space is limited.
2. **Medical Equipment:** Due to its compact 12mm mounting footprint.
3. **Alarm Systems:** Visual signaling for error states or safety warnings.
- ⤷
What are the alternative voltage ratings available for the M2 series?
- ⤷ How does the IP40 rating limit the environments where this part can be used?
- ⤷ Is there a push-button version of this specific indicator?