AI

The **M2UDS2-FWB-R/N** is a specific model within the industrial automation and control component category, typically manufactured by companies like **IDEC** (specifically within their 22mm Twin-Touch or Pushbutton series).
This part number refers to a **Twin-Touch Dual Pushbutton Switch**. Below is a breakdown of its electronic and mechanical parts.
---
### 1. Part Number Breakdown
To understand the electronic capabilities, we must decode the nomenclature:
| Code Segment | Description | Specific Detail |
| :--- | :--- | :--- |
| **M2U** | Series Type | IDEC 22mm Twin-Touch Series |
| **DS2** | Operator Type | Dual Flush Buttons (Flush/Extended) |
| **FWB** | Color/Function | Top: Green (Flush), Bottom: Red (Extended) |
| **R/N** | Contact Blocks | Standard configuration of Normally Open (NO) and Normally Closed (NC) |
---
### 2. Electronic Specifications
These components are designed for industrial control circuits (Pilot Duty).
* **Contact Rating:** Usually rated for **600V AC/DC**.
* **Thermal Current ($I_{th}$):** Typically **10A**.
* **Operational Voltage:**
* AC: 120V, 240V, 480V.
* DC: 125V, 250V.
* **Contact Resistance:** Maximum 50mΩ (initial value).
* **Insulation Resistance:** 100MΩ minimum (500V DC megger).
---
### 3. Key Electronic Components
#### A. Contact Blocks
The "R/N" suffix indicates the arrangement of the contact blocks mounted to the back of the actuator:
* **Normally Open (NO):** Used for the "Start" (Green) function. The circuit closes when pressed.
* **Normally Closed (NC):** Used for the "Stop" (Red) function. The circuit opens when pressed.
* **Gold-Clad Silver Contacts:** Designed for high reliability in both high-power and low-level logic circuits.
#### B. Illumination (Optional depending on sub-variant)
If the unit is illuminated (often indicated by an "L" in extended part numbers, though the base M2UDS2 is often non-illuminated), it contains:
* **LED Module:** A removable light engine that operates on 6V, 12V, 24V, or 120/240V AC.
* **Current Limiting Resistor:** Integrated into the LED module to prevent burnout.
#### C. Terminal Design
* **Screw Terminals:** Features "M3.5" hardware with captive wire clamps (IP20 finger-safe protection).
* **Wiring Capacity:** Supports 14 AWG to 22 AWG solid or stranded wire.
---
### 4. Environmental & Durability
| Feature | Rating/Detail |
| :--- | :--- |
| **Protection Degree** | IP65 (Waterproof/Dust-tight from the front) |
| **Mechanical Life** | 5,000,000 operations |
| **Electrical Life** | 100,000 operations (at full load) |
| **Operating Temp** | -25°C to +50°C |
---
### 5. Application Circuit Example
In a standard motor control application:
1. **Green Button (NO):** Wired to a Magnetic Contactor coil to "Pull In" the motor.
2. **Red Button (NC):** Wired in series with the Green button to "Drop Out" the motor circuit in case of a stop command.
- ⤷What is the specific contact configuration for the R/N suffix?
- ⤷ Can the LED modules in the M2U series be replaced separately?
- ⤷ What are the mounting hole requirements for the M2UDS2 series?