Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2UDS2-GW2-R/N

  • AI
    The **M2UDS2-GW2-R/N** is a specific model of a **Digital Remote I/O Unit** manufactured by **M-System (now MG CO., LTD.)**. It belongs to the M2UDS series, typically used in industrial automation for interfacing field signals with a supervisory system (like a PLC or PC) over a network. --- ### 1. Model Code Breakdown Understanding the suffix codes helps identify the electronic behavior of this specific unit: | Code Segment | Meaning | Specification | |:---|:---|:---| | **M2UDS2** | Series Name | Multi-channel Digital I/O Module | | **GW2** | Network Type | CC-Link Ver. 1.10 / 2.00 | | **R** | Power Input | 24V DC | | **N** | Digital Output | NPN Transistor (Open Collector) | --- ### 2. Key Electronic Components & Features The internal electronics are designed for industrial ruggedness and high-speed communication. #### A. Power Supply Circuitry * **Voltage:** 24V DC (Operating range usually ±10%). * **Isolation:** The unit features optical isolation between the communication network, the internal logic, and the I/O circuits to prevent ground loops and surge damage. * **Protection:** Includes polarity protection and internal fuses to prevent damage from incorrect wiring. #### B. Output Stage (NPN Transistor) Since this is the **"N"** version, the electronic output parts consist of: * **NPN Open Collector:** The output acts as a switch to the common negative (GND). * **Load Capacity:** Typically rated for 100mA to 200mA per point. * **External Power:** Requires an external power source to pull up the signal or drive the load. #### C. Communication Interface (CC-Link) * **Protocol Controller:** A dedicated CC-Link chip handles the framing and error checking of the bit-stream. * **Terminating Resistor:** Required at both ends of the CC-Link trunk line (usually 110Ω). * **Addressing:** Rotary switches on the front panel allow for setting the Station Address and Transmission Speed (Baud Rate). --- ### 3. Technical Specifications Table | Feature | Specification | |:---|:---| | **I/O Points** | Usually 16 or 32 Points (depending on sub-configuration) | | **Output Logic** | NPN (Sink type) | | **Isolation** | 2000V AC @ 1 minute (I/O to power to CC-Link) | | **Status Indicators** | LEDs for Power (PWR), Run (RUN), Error (ERR), and I/O status | | **Connection** | M3 screw terminals (Sensor/Actuator side) | --- ### 4. Wiring Diagram (Conceptual) To drive a load (like a relay) using the NPN output of this module: ```text [External 24V DC Source (+)] ----> [Relay Coil (+)] [Relay Coil (-)] ---------------> [M2UDS2 Output Terminal] [External 24V DC Source (-)] ----> [M2UDS2 Common (COM-)] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current load per output point for the M2UDS2-GW2-R/N?
    • ⤷ Does this model support CC-Link version 2.0 exclusively or is it backward compatible?
    • ⤷ What are the specific LED error codes for troubleshooting communication failures on this unit?