M2UDS2-K3-R2/CE
AI

The **M2UDS2-K3-R2/CE** is a high-performance, compact **Digital Power Transducer** (specifically a Dual-Output Power Transducer) manufactured by **M-System**. It is designed to measure AC power and convert it into isolated DC signals suitable for industrial automation and control systems.
---
### 1. Core Technical Specifications
The model name follows a specific nomenclature that defines its electronic characteristics:
| Feature | Specification |
| :--- | :--- |
| **Primary Function** | AC Power Measurement (Active Power) |
| **Configuration** | 3-phase, 3-wire system |
| **Output 1** | 4 – 20 mA DC (Internal Load) |
| **Output 2** | 1 – 5 V DC (Voltage Output) |
| **Power Input** | 100 – 240V AC or 24 – 240V DC (Universal) |
| **Isolation** | Input to Output 1 to Output 2 to Power |
| **Certification** | CE Marking |
---
### 2. Key Electronic Components & Internal Workings
The internal circuitry of the M2UDS2-K3-R2/CE consists of several critical stages:
#### A. Input Stage (Sensing)
* **Voltage Transformers (PTs):** Step down the line voltage (e.g., 110V/220V AC) to a low-level signal safe for processing.
* **Current Transformers (CTs):** Convert high-line currents (usually 1A or 5A) into proportional low-current signals.
#### B. Calculation Stage (DSP/Microprocessor)
* The device utilizes a **Digital Signal Processor (DSP)** to perform high-speed sampling of the voltage and current waveforms.
* It calculates **Active Power (Watts)** by multiplying instantaneous voltage and current and integrating them over time ($P = V \times I \times \cos \phi$).
#### C. Output Stage (Isolation & Conversion)
* **Optical Isolators:** These prevent electrical surges from the power lines from reaching the PLC/DCS side.
* **Digital-to-Analog Converters (DAC):** Converts the calculated digital power value back into a precise analog signal (4-20mA or 1-5V).
---
### 3. Connection Diagram (Standard Wiring)
Below is a simplified representation of the wiring terminal logic:
```text
[Input Side] [M2UDS2 Unit] [Output Side]
L1 (Voltage) --------> [ Terminal 1 ]
L3 (Voltage) --------> [ Terminal 3 ] [ Terminal 12 ] (+) --> 4-20mA
[ Terminal 13 ] (-)
K (CT Current) ------> [ Terminal 5 ]
L (CT Current) ------> [ Terminal 6 ] [ Terminal 14 ] (+) --> 1-5V DC
[ Terminal 15 ] (-)
[Power Supply]
AC/DC Range ---------> [ Terminal 9/10]
```
---
### 4. Industrial Applications
* **Energy Management:** Monitoring real-time power consumption of industrial motors.
* **SCADA Integration:** Sending power data to a Central Control Room via PLC analog input cards.
* **Load Balancing:** Detecting phase imbalances or overloads in 3-phase machinery.
- ⤷
What are the specific calibration steps for the zero and span adjustments?
- ⤷ Does this model support Modbus RTU communication for digital data transfer?
- ⤷ What is the maximum allowable current input for the CT terminals?