M2VF-00-R2/Q
AI

The **M2VF-00-R2/Q** is a high-precision, plug-in type signal conditioner (specifically a **Voltage/Current Transmitter**) manufactured by **M-System**. It is designed to convert a DC input signal into a standard process signal (voltage or current) while providing electrical isolation.
Below is a detailed breakdown of its electronic specifications and features.
---
### 1. Key Technical Specifications
| Feature | Specification Details |
| :--- | :--- |
| **Model Series** | M2 (Mini-M) Series |
| **Input Signal** | DC Voltage or Current (Configurable) |
| **Output Signal** | DC Voltage or Current (Configurable) |
| **Power Input (R2)** | 100 – 240V AC (50/60 Hz) |
| **Accuracy** | ±0.1% of span |
| **Response Time** | ≤ 0.5 seconds (0 – 90%) |
| **Isolation** | 3-way isolation (Input to Output to Power) |
| **Dielectric Strength** | 2000V AC @ 1 minute |
---
### 2. Electronic Component Characteristics
#### A. Power Supply (Code: R2)
The "R2" suffix indicates a universal AC power supply module.
- **Operational Range:** 85 to 264V AC.
- **Consumption:** Approximately 3VA.
- This section includes an internal switching regulator to stabilize the internal DC voltage regardless of fluctuations in the mains power.
#### B. Isolation Circuitry
One of the most critical electronic aspects of this part is the **3-way isolation**:
- **Input side:** Protects the sensitive controller from field surges.
- **Output side:** Prevents ground loops between the transmitter and the PLC/DCS.
- **Power side:** Protects the device from mains noise.
#### C. Calibration Adjustments
The unit features front-facing potentiometers (trimmers) for fine-tuning:
- **Zero Adjustment:** -5 to +5% range.
- **Span Adjustment:** 95 to 105% range.
---
### 3. Application Circuit Example
To integrate the M2VF into a control system, follow the standard terminal wiring logic:
```markdown
Terminal Connection Map:
1. Input (+)
2. Input (-)
3. Output (+)
4. Output (-)
5. Power (L / +)
6. Power (N / -)
```
---
### 4. Special Codes (/Q)
The **/Q** suffix denotes that the part has **Special Specifications**. These are usually requested at the time of order and can include:
- **/C:** Conformal coating (protection against humidity/corrosion).
- **/SET:** Custom calibration range specified by the user.
- **Exotic requirements:** Enhanced vibration resistance or specific testing certifications.
---
- ⤷
What are the specific wiring differences between voltage and current inputs for this model?
- ⤷ How does the conformal coating (/C option) improve the lifespan in industrial environments?
- ⤷ Can the M2VF series be mounted on a standard DIN rail?