Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2VF-00-RMSLASHN

  • AI
    The **M2VF-00-RMS/N** is a specific model within the **M2VF series** of signal transducers manufactured by **M-System**. These devices are designed to convert AC voltage signals into standard DC output signals. --- ### 1. Key Technical Specifications The model name "M2VF-00-RMS/N" breaks down into several technical characteristics: | Parameter | Specification | Description | |:---|:---|:---| | **Primary Function** | AC Voltage Transmitter | Converts AC voltage input to DC output. | | **Input Type** | RMS Sensing | Measures the True Root Mean Square value, ideal for distorted waveforms. | | **Mounting** | Plug-in Base | Designed for easy installation and maintenance on a DIN rail. | | **Response Time** | Approx. 0.5 seconds | Time taken for the output to reach 90% of the final value. | | **Isolation** | 3-Way Isolation | Input, Output, and Power circuits are electrically isolated. | --- ### 2. Electronic Components & Internal Architecture While the specific circuit board layout is proprietary, the device relies on several core electronic sections: 1. **Input Conditioning (The Transformer/Attenuator):** * Reduces high-level AC voltage to a level safe for low-power processing. * Provides the first layer of galvanic isolation. 2. **RMS-to-DC Converter IC:** * This is the "heart" of the device. It performs the mathematical calculation: $\sqrt{\text{mean}(V^2)}$. * Unlike average-sensing circuits, this electronic block remains accurate even if the power supply has "noise" or harmonics. 3. **Isolation Barrier (Optocoupler/Transformer):** * Ensures that high-voltage surges on the input side do not damage the PLC or controller connected to the output. 4. **Output Driver:** * An operational amplifier (Op-Amp) circuit that scales the DC signal to standard ranges (e.g., 4–20mA or 0–10V). --- ### 3. Wiring Configuration The electronics are accessed via a multi-pin plug-in base. Typically, the wiring follows this logic: ```markdown Pin Assignment (General Guide): - Pins 1 & 11: Power Supply Input - Pins 4 & 5: AC Voltage Input - Pins 9(+) & 10(-): DC Output Signal ``` --- ### 4. Summary of Benefits * **Accuracy:** Maintains precision even with non-sinusoidal waves. * **Safety:** The **3-way isolation** prevents ground loops and protects sensitive electronic equipment. * **Reliability:** The "N" suffix often indicates specific coating or environmental considerations for industrial longevity.
    ✨ Follow-up Questions
    • ⤷ What are the specific input and output range options for the M2VF series?
    • ⤷ How does RMS sensing differ from Mean sensing in industrial transducers?
    • ⤷ What are the power supply requirements for the M2VF-00-RMS/N?