M2VF-01-R2/X1
AI

The **M2VF-01-R2/X1** is a high-performance, compact analog signal converter and isolation module, typically manufactured by companies like **M-System**. It is designed to convert standard process signals (such as DC voltage or current) into isolated output signals.
### 1. General Specifications
The module is part of the **M2 Series**, known for its slim design and high reliability in industrial automation.
| Feature | Specification |
| :--- | :--- |
| **Model Type** | M2VF (Voltage/Current Input Isolation Transmitter) |
| **Power Input** | Options typically include 100-240V AC or 24V DC |
| **Isolation** | 3-way isolation (Input to Output to Power) |
| **Mounting** | DIN Rail Mounting |
| **Response Time** | Fast response (approx. 25ms - 100ms depending on config) |
---
### 2. Suffix Breakdown (R2/X1)
The alphanumeric codes following the base model indicate specific electronic configurations:
* **R2**: This usually refers to the **Power Input**.
* **R**: DC Power.
* **2**: 24V DC.
* **X1**: This usually refers to the **Input/Output signal ranges** or specialized factory settings.
* In many M-System configurations, **X** represents a "Special" or "Custom" range requested by the user that falls outside standard factory defaults (e.g., a specific non-linear curve or unique voltage range).
---
### 3. Key Electronic Components & Functions
#### A. Input Circuit (Signal Conditioning)
The input stage uses a high-impedance operational amplifier circuit to ensure it doesn't "load down" the source sensor. It filters out high-frequency electromagnetic interference (EMI) before processing.
#### B. Isolation Barrier
This is the core of the M2VF. It uses **Optical** or **Magnetic Coupling** to ensure there is no physical electrical path between the field sensor and the PLC/Control system.
* **Purpose:** Prevents ground loops and protects sensitive control equipment from high-voltage surges.
#### C. Output Drive
The output stage is designed to drive loads typically up to 500Ω for current (4-20mA) or high impedance for voltage (0-10V). It uses a linearizing circuit to ensure the output is a precise representation of the input.
---
### 4. Application Wiring Example
The module typically features a terminal block layout similar to the following:
```text
Terminal Connections:
[1] - Input (+)
[2] - Input (-)
[3] - Output (+)
[4] - Output (-)
[5] - Power (L+ / 24V)
[6] - Power (N- / 0V)
```
---
### 5. Summary of Benefits
* **Signal Conversion:** Easily converts a 0-5V signal to a 4-20mA signal for long-distance transmission.
* **Noise Reduction:** The 3-way isolation eliminates common-mode noise.
* **Space Saving:** The slim housing allows for high-density installation in control panels.
- ⤷What are the specific input and output signal ranges for the X1 variant?
- ⤷ How does 3-way isolation differ from 2-way isolation in this module?
- ⤷ What is the maximum power consumption of the M2VF-01-R2?