M2VF-015W-R2/UL
AI

The **M2VF-015W-R2/UL** is a specific model of an electronic signal transducer (often referred to as a signal conditioner or transmitter) manufactured by **M-System**.
These devices are primarily used in industrial automation to convert variable frequency signals (from flow meters, rotary encoders, or proximity switches) into standard analog signals (like 4-20mA or 0-10V) for PLC or DCS input.
---
### Technical Specifications Overview
| Feature | Specification |
| :--- | :--- |
| **Model Series** | M2VF (Mini-M Series) |
| **Input Type** | Pulse/Frequency (Dry contact, Open collector, or Voltage pulse) |
| **Output Type** | Analog Voltage or Current (Standard 4-20mA or 0-10V) |
| **Power Supply** | 100 – 240V AC |
| **Frequency Range** | 0 – 10 kHz (Configurable) |
| **Accuracy** | ±0.1% |
| **Construction** | Plug-in base / DIN rail mount |
| **Certification** | UL Listed (as indicated by the /UL suffix) |
---
### Internal Electronic Component Analysis
The circuitry of the M2VF-015W-R2/UL is designed for high-precision isolation and conversion. Key electronic stages include:
#### 1. Input Signal Conditioner
The input stage utilizes high-speed **optocouplers** or pulse isolation transformers. This protects the internal logic from voltage spikes on the field side. It can handle various waveforms (Square, Sine, or Sawtooth) and detects the frequency based on a set threshold.
#### 2. Frequency-to-Voltage (F/V) Conversion
Modern versions of this unit use a **Microcontroller (MCU)** or a specialized **F/V integrated circuit**.
* The MCU counts pulses over a precise time window.
* Digital filtering is applied to remove "bounce" or noise from mechanical contacts.
#### 3. Isolation Barrier
This is a "3-way isolated" device:
* **Input to Output**
* **Input to Power**
* **Output to Power**
This is achieved via internal **DC-DC converters** and transformer isolation to prevent ground loops.
#### 4. Output Drive Stage
The final stage uses **Operational Amplifiers (Op-Amps)** and power transistors to drive the analog loop. If configured for 4-20mA, it acts as a constant current source capable of driving loads up to 750 ohms.
---
### Wiring and Pinout Configuration
The device uses a standard 8-pin or 11-pin plug-in base.
1. **Power Input:** Terminals typically designated for L and N (100-240V AC).
2. **Pulse Input:** Positive and Negative terminals for the field sensor.
3. **Analog Output:** Positive and Negative terminals leading to the Controller (PLC/DCS).
---
### Common Applications
* **Flow Measurement:** Converting pulses from a turbine flow meter into a 4-20mA signal.
* **Motor Speed:** Monitoring RPM via a proximity switch on a gear tooth.
* **Positioning:** Translating encoder pulses into a linear analog representation.
- ⤷
How do I calibrate the zero and span on the M2VF series?
- ⤷ What is the difference between the R2 and the R power supply options?
- ⤷ Can this unit handle high-voltage AC pulse inputs?