M2VF-01A-R/CE
AI

The **M2VF-01A-R/CE** is a high-performance **Signal Conditioner** (specifically a Frequency to DC Converter) manufactured by **M-System**. It is designed to convert pulse train signals from sensors into standard instrumentation DC signals.
---
## 1. Core Technical Specifications
The model number breaks down into specific electronic configurations. Below are the primary technical parameters for this specific variant:
| Feature | Specification |
| :--- | :--- |
| **Input Type** | Pulse Train (Frequency) |
| **Input Frequency Range** | 0 – 100 Hz up to 0 – 10 kHz (User specified) |
| **Output** | 4 – 20 mA DC |
| **Power Input** | 24V DC |
| **Accuracy** | ±0.1% |
| **Response Time** | Max. 0.5 sec (0 – 90%) |
| **Mounting** | DIN Rail Mounting |
| **Standards** | CE Marking compliant |
---
## 2. Key Electronic Components & Internal Logic
The device operates through several internal stages to ensure precision and signal isolation:
### A. Input Pulse Processing
* **Sensor Compatibility:** It can accept signals from dry contacts, open collectors, voltage pulses, or magnetic pickups.
* **Filtering:** Includes electronic noise filtering to prevent false triggering from high-frequency interference.
### B. Conversion Logic (F/V Conversion)
* The core electronics perform **Frequency-to-Voltage (F/V) conversion**. It measures the rate of incoming pulses and translates that rate into a proportional internal voltage level.
### C. Isolation Circuitry
* **Three-Way Isolation:** The device provides electronic isolation between the **Input**, **Output**, and **Power Supply**.
* **Benefit:** This prevents ground loops and protects sensitive PLC/DCS equipment from high-voltage surges on the sensor side.
### D. Output Driver
* An operational amplifier (Op-Amp) circuit converts the internal voltage into a stable **4-20mA current loop**. This allows for long-distance signal transmission without voltage drop issues.
---
## 3. Application Use Cases
This part is typically used in industrial automation environments for:
1. **Flow Measurement:** Converting pulses from a turbine flowmeter into a 4-20mA flow rate signal.
2. **Motor Speed (Tachometer):** Converting frequency from a proximity sensor or encoder into a speed reading.
3. **Production Counting:** Monitoring the rate of items passing on a conveyor belt.
---
## 4. Connection Diagram (General)
```text
Terminal | Function
---------|-------------------------
1 - 2 | Input Pulse (+ / -)
4 - 5 | Output 4-20mA (+ / -)
7 - 8 | Power Supply (24V DC)
```
- ⤷
What is the specific input frequency range configured for your unit?
- ⤷ Do you need the wiring diagram for a specific sensor type (e.g.
- ⤷ NPN vs. Magnetic Pickup)?
- ⤷ Are you experiencing signal noise or inaccuracy with the current installation?