Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2VF-0A-R

  • AI
    The **M2VF-0A-R** is a specific model of an **Ultra-Slim Signal Conditioner (Isolator)** manufactured by **M-System**. It is designed to take a variable voltage input and provide an isolated DC output. Below is a breakdown of its electronic components and technical specifications. --- ## 1. Device Category and Function The M2VF series is a "plug-in" type signal conditioner. Its primary electronic purpose is to provide **galvanic isolation** between an input signal, an output signal, and the power supply. This prevents ground loops and protects sensitive PLC/DCS equipment from electrical surges. ## 2. Technical Specifications (Model: M2VF-0A-R) The suffix codes identify the specific configuration of this unit: | Feature | Specification | Description | | :--- | :--- | :--- | | **Input Signal (0)** | Variable | Configurable voltage range (typically mV or V) | | **Output Signal (A)** | 4 – 20 mA DC | Standard industrial current loop | | **Power Input (R)** | 24V DC | Operational voltage (ripple 10% p-p max) | | **Accuracy** | ±0.1% | High precision signal reproduction | | **Response Time** | ≤ 0.5 sec | Time to reach 90% of the signal change | | **Isolation** | 2000V AC | Isolation between input, output, and power | --- ## 3. Key Electronic Internal Components The circuitry of the M2VF-0A-R consists of several functional blocks: ### A. Input Stage (Signal Conditioning) * **Operational Amplifiers (Op-Amps):** Used for high-impedance input sensing to ensure the source signal is not loaded down. * **Zero/Span Adjustments:** Trimmer potentiometers located on the front panel allow for fine-tuning the calibration of the electronic output. ### B. Isolation Barrier * **Optical or Transformer Couplers:** The "0A-R" uses an isolation transformer or optoisolator to pass the signal across a physical gap, ensuring that electrical noise on the input side does not reach the output. ### C. Output Stage (Current Driver) * **V/I Converter:** Electronic circuitry that converts the internal voltage signal into a stable **4-20mA current loop**. * **Load Resistance Handling:** Capable of driving loads up to 550 $\Omega$. ### D. Power Circuitry * **DC/DC Converter:** Since the unit is powered by 24V DC (Code R), it uses an internal switching regulator to create the necessary internal voltages for the op-amps and the isolation barrier. --- ## 4. Physical and Wiring Features * **Housing:** Ultra-slim profile (approx. 5.9 mm width) for high-density DIN rail mounting. * **Terminal Blocks:** Screw terminals for secure electrical connection. * **LED Indicator:** Typically includes a power LED to indicate the internal electronic status. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum load resistance supported by the M2VF-0A-R?
    • ⤷ How do I calibrate the zero and span settings on this unit?
    • ⤷ Can this model be used with an AC power supply instead of 24V DC?