M2VF-0Z-R2/UL
AI

The **M2VF-0Z-R2/UL** is a high-performance **V/F (Voltage-to-Frequency) Converter** (also known as a signal conditioner or transmitter) manufactured by **M-System**. It is designed to convert a standard DC voltage input signal into a proportional pulse frequency output signal.
---
### ## Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Model Series** | M2 Series (Plug-in type) |
| **Input Signal** | 0 – 10V DC (Standard for -0Z configuration) |
| **Output Signal** | Open Collector (Pulse) |
| **Power Input (R2)** | 11 – 27V DC |
| **Approval (/UL)** | UL / cUL Class I, Division 2 |
| **Accuracy** | ±0.1% |
| **Response Time** | Max. 2.0 seconds (0 – 100%) |
| **Mounting** | Surface or DIN rail |
---
### ### Core Electronic Components & Functions
The device functions as an interface between analog sensors and digital controllers (like a PLC high-speed counter).
1. **Isolation Circuitry:**
The device features **three-way isolation** (Input to Output to Power). This uses optoisolators or transformers to prevent ground loops and protect sensitive equipment from high-voltage surges.
2. **Voltage-to-Frequency Converter (VFC):**
The internal integrated circuit (IC) takes the incoming 0-10V signal and generates a square wave or pulse train. The frequency of these pulses is directly proportional to the input voltage level.
3. **Open Collector Output:**
The "0Z" designation typically refers to a pulse output. The output stage uses an **NPN transistor** (Open Collector). This acting as a switch, allowing the user to pull the voltage up to a level compatible with their specific logic controller (e.g., 5V, 12V, or 24V).
4. **Zero and Span Adjustments:**
Located on the front panel, these potentiometers allow for fine-tuning the electronic offset (Zero) and the full-scale frequency (Span) to account for field calibration.
---
### ### Wiring Diagram Overview
| Terminal No. | Connection Type | Description |
| :--- | :--- | :--- |
| 1 | Output (+) | Pulse Output (Collector) |
| 2 | Output (-) | Pulse Output (Emitter) |
| 4 | Input (+) | DC Voltage Input |
| 5 | Input (-) | DC Voltage Input (Common) |
| 7 | Power (U) | + Positive Supply |
| 8 | Power (V) | - Negative Supply |
---
### ### Common Applications
* **Totalizing Flow:** Converting an analog flow rate (GPM) into pulses for a totalizer to count total volume.
* **Analog-to-Digital Interfacing:** Providing a digital pulse signal to a PLC that lacks an analog input card but has a high-speed counter input.
* **Signal Isolation:** Protecting expensive control systems from electrical noise in industrial environments.
- ⤷
What is the maximum output frequency range for the M2VF series?
- ⤷ How do I wire an external pull-up resistor for the open collector output?
- ⤷ Does this model support AC power input options?