M2VF-3Z-R2/CE
AI

The **M2VF-3Z-R2/CE** is a high-performance **V/F (Voltage-to-Frequency) Converter** belonging to the M2 Series of signal conditioners manufactured by **M-System**. It is designed to convert a standard DC voltage input into a proportional pulse frequency output.
---
### 1. Key Technical Specifications
The model code `M2VF-3Z-R2/CE` breaks down into specific electronic characteristics:
| Component Code | Description | Details |
| :--- | :--- | :--- |
| **M2VF** | Model Series | V/F Converter (Plug-in base) |
| **3** | Input Signal | 0 – 1V DC |
| **Z** | Output Signal | Open Collector (Frequency range specified by user) |
| **R2** | Power Input | 100 – 240V AC |
| **CE** | Compliance | CE Marking (European Safety Standards) |
---
### 2. Functional Electronic Parts
The internal circuitry of this device is composed of several critical stages:
#### A. Input Isolation & Scaling
* **Operational Amplifiers:** High-precision op-amps scale the 0-1V DC input signal.
* **Isolation Transformer/Optocoupler:** Provides galvanic isolation between the input, output, and power supply (usually up to 2000V AC). This prevents ground loops and protects sensitive PLC/DCS equipment.
#### B. V/F Conversion Core
* **Integrator Circuit:** The DC voltage is fed into an integrator that charges a capacitor.
* **Comparator & Reset:** Once the voltage reaches a threshold, a comparator triggers a pulse and resets the integrator. The frequency of this cycle is directly proportional to the input voltage.
#### C. Output Stage (Open Collector)
* **NPN Transistor:** The "Z" designation indicates an Open Collector output. It acts as a switch, typically rated for:
* Max Voltage: 50V DC
* Max Current: 50mA
* **Pulse Width:** Usually fixed (e.g., 10ms, 50ms) or 50% duty cycle depending on the specific factory setting.
---
### 3. Electronic Performance Data
| Feature | Specification |
| :--- | :--- |
| **Accuracy** | ±0.1% of span |
| **Temp. Coefficient** | ±0.015% / °C |
| **Response Time** | Max 3 seconds (0 to 100%) |
| **Insulation Resistance** | 100 MΩ with 500V DC |
| **Power Consumption** | Approx. 3VA at 100V AC |
---
### 4. Connection Diagram (Simplified)
```text
[ Power L ] --- (1) (4) --- [ Pulse Out (+) ]
[ Power N ] --- (2) (5) --- [ Pulse Out (-) ]
[ Input + ] --- (7)
[ Input - ] --- (8)
```
---
### 5. Application Usage
This electronic part is primarily used to:
1. **Totalize Flow:** Convert an analog flow rate (0-1V) into pulses for a counter.
2. **Digital Integration:** Sending high-speed signals to PLCs that lack high-resolution analog input cards but have high-speed counters.
3. **Signal Transmission:** Sending signals over long distances via frequency to minimize noise interference compared to low-voltage DC.
- ⤷
What is the maximum frequency range configurable for the 'Z' output type?
- ⤷ How do I wire the open collector output to a PLC input?
- ⤷ What are the alternatives to the 'R2' power supply option?