M2VF-44W-R/N
AI

## M2VF-44W-R/N Signal Conditioner (M-System)
The **M2VF-44W-R/N** is a high-performance, plug-in signal conditioner (isolator) manufactured by M-System. It is specifically designed to take one analog input and provide two isolated analog outputs (Dual Output).
### 1. Model Code Breakdown
Understanding the specific electronic configuration through the model suffix:
| Code Segment | Description |
| :--- | :--- |
| **M2VF** | Series: V-Unit series Signal Conditioner (Dual Output) |
| **4** | Input: 0 – 10V DC |
| **4** | Output 1: 0 – 10V DC |
| **W** | Output 2: 0 – 10V DC |
| **R** | Power Input: 24V DC |
| **N** | Standards: No CE marking (Standard Japanese/General use) |
---
### 2. Key Electronic Specifications
The internal electronics are designed for high dielectric strength and signal integrity.
* **Isolation Structure:** 4-way isolation (Input to Output 1 to Output 2 to Power). This prevents ground loops and protects sensitive PLC/DCS inputs.
* **Response Time:** $\le$ 0.5 seconds (0 – 90%).
* **Temperature Coefficient:** $\pm$ 0.015% per degree Celsius.
* **Line Voltage Consumption:** Approximately 2W at 24V DC.
* **Input Resistance:** 1 M$\Omega$ minimum (High impedance to ensure no loading on the source).
* **Output Load Resistance:** 2 k$\Omega$ minimum for 0-10V range.
---
### 3. Wiring Configuration
The unit uses a M3 screw terminal base. Below is the standard pin layout for this specific model:
| Terminal No. | Function | Connection |
| :--- | :--- | :--- |
| **1** | Output 1 (+) | 0–10V Device |
| **2** | Output 1 (-) | Common |
| **3** | Output 2 (+) | 0–10V Device |
| **4** | Output 2 (-) | Common |
| **5** | Input (+) | 0–10V Source |
| **6** | Input (-) | Common |
| **7** | Power (L+) | 24V DC |
| **8** | Power (N-) | 0V DC |
---
### 4. Adjustments and Calibration
The front panel contains two electronic trim potentiometers (trimmers) for field calibration:
1. **Zero Adjustment:** Used to offset the 0V output point (typically $\pm$ 5% range).
2. **Span Adjustment:** Used to calibrate the full-scale 10V output point (typically $\pm$ 5% range).
---
### 5. Application Use-Case
This part is used when a single 0-10V sensor signal needs to be sent to two different electronic devices simultaneously—for example, a **Local Digital Indicator** and a **Remote PLC Analog Input Card**—without the two devices interfering with each other's electrical signals.
- ⤷
What are the differences between the R and M power supply options for this model?
- ⤷ Can this unit be mounted on a standard DIN rail?
- ⤷ How does 4-way isolation specifically protect the connected electronics?