M2VF-4GW-R2
AI

The **M2VF-4GW-R2** is a high-performance industrial-grade M.2 module designed primarily for cellular connectivity, specifically targeting 4G LTE integration in embedded systems, industrial PCs, and IoT gateways.
Below is a detailed breakdown of its electronic characteristics and technical specifications.
---
### 1. Core Technical Specifications
The M2VF-4GW-R2 follows the M.2 standard physical form factor and utilizes the LTE Cat 4 communication standard.
| Feature | Specification |
| :--- | :--- |
| **Form Factor** | M.2 Key B (3042) |
| **Interface** | USB 2.0 / USB 3.0 |
| **Network Type** | 4G LTE Cat 4 / 3G / 2G Fallback |
| **Max Download Speed** | 150 Mbps |
| **Max Upload Speed** | 50 Mbps |
| **Power Supply** | 3.3V DC |
| **Operating Temp** | -40°C to +85°C (Industrial Grade) |
---
### 2. Key Electronic Components & Architecture
#### A. The Baseband Processor
The heart of the module is usually a Qualcomm or similar high-reliability baseband chipset. This processor handles:
* Signal modulation and demodulation.
* The TCP/IP stack management.
* Security protocols for data encryption over the air.
#### B. RF Front-End (RFFE)
The RF section consists of:
* **Power Amplifiers (PA):** To boost the signal for transmission to cell towers.
* **Low Noise Amplifiers (LNA):** To pick up weak incoming signals from the tower.
* **Antenna Connectors:** Typically features two **IPEX (MHF4)** connectors—one for the Main antenna and one for Diversity (to improve signal reliability in urban areas).
#### C. GNSS Integration
Most versions of the R2 series include an integrated Global Navigation Satellite System (GNSS) engine. This allows the electronic part to provide precise positioning data (GPS, GLONASS, BeiDou) via a dedicated antenna path.
---
### 3. Pinout and Connectivity (M.2 Key B)
The "Key B" configuration is electronically designed to prevent incorrect insertion into incompatible slots (like NVMe Key M slots).
| Pin Group | Functionality |
| :--- | :--- |
| **Power (3.3V)** | Direct DC input for the module electronics. |
| **USB 2.0/3.0** | The primary data lane between the host CPU and the modem. |
| **SIM Interface** | Connects to an external SIM slot (or uses an onboard eSIM if configured). |
| **W_DISABLE#** | Hardware pin to turn off RF emissions (Airplane mode). |
| **RESET#** | Hardware pin to trigger a cold boot of the module electronics. |
---
### 4. Typical Use Cases
* **Industrial IoT (IIoT):** Remote monitoring of manufacturing equipment.
* **Smart Cities:** Connectivity for digital signage or traffic management systems.
* **Mobile Computing:** Providing cellular failover for ruggedized laptops or tablets.
---
- ⤷What are the specific LTE bands supported by the M2VF-4GW-R2?
- ⤷ Does this module require a specific driver for Linux or Windows environments?
- ⤷ What is the typical power consumption during peak transmission?