M2VF-4W4W-R/
AI

### Overview of M2VF-4W4W-R
The **M2VF-4W4W-R** is a high-performance **Signal Conditioner** (specifically a Signal Isolator) manufactured by **M-System**. It is designed to convert and isolate DC input signals into two independent DC output signals.
---
### Technical Specifications
The model code follows a specific nomenclature that defines its electronic characteristics:
| Component Code | Description | Specifications |
| :--- | :--- | :--- |
| **M2VF** | Model Series | Ultra-slim Signal Conditioner (V-Unit series) |
| **4W** | Input Signal | 4 to 20 mA DC |
| **4W** | Output 1 & 2 | 4 to 20 mA DC (Dual independent outputs) |
| **R** | Power Input | 24V DC |
### Key Electronic Features
1. **Isolation (3-Port Isolation):**
The device provides complete galvanic isolation between the **input**, **output**, and **power supply**. This prevents ground loops and protects sensitive PLC/DCS inputs from electrical surges.
2. **Dual Output (Splitter Function):**
It takes a single 4-20mA loop and provides two identical, isolated 4-20mA signals. This is commonly used to send one signal to a local display and the other to a central control system.
3. **High Accuracy:**
* **Accuracy:** ±0.1% of span.
* **Temperature Coefficient:** ±0.015%/°C (±0.008%/°F).
4. **Response Time:**
Typically ≤ 0.5 seconds (0 to 90%).
---
### Internal Circuitry and Wiring
The unit utilizes a transformer-based isolation method. Below is a simplified representation of the wiring terminal assignments:
#### Terminal Connection Table
| Terminal No. | Function | Signal Type |
| :--- | :--- | :--- |
| **1** | Output 1 (+) | 4-20mA DC |
| **2** | Output 1 (-) | 4-20mA DC |
| **3** | Output 2 (+) | 4-20mA DC |
| **4** | Output 2 (-) | 4-20mA DC |
| **5** | Input (+) | 4-20mA DC |
| **6** | Input (-) | 4-20mA DC |
| **7** | Power (+) | 24V DC |
| **8** | Power (-) | 0V DC |
---
### Operational Diagram
```mermaid
graph LR
A[4-20mA Input] --> B{Isolation Barrier}
B --> C[Output 1: 4-20mA]
B --> D[Output 2: 4-20mA]
E[24V DC Power] --> B
```
---
- ⤷What is the maximum load resistance for the 4-20mA outputs?
- ⤷ Can this unit be mounted on a standard DIN rail?
- ⤷ Does this model support HART communication pass-through?