AI

The **M2VF-4W4W-R/N** is a high-performance, ultra-slim signal conditioner (transducer) manufactured by **M-System**. It is specifically designed to accept a DC input signal and provide two independent, isolated DC output signals.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Model Series** | M2VF (Ultra-slim Signal Conditioner) |
| **Input Signal** | 4 – 20 mA DC |
| **Output 1** | 4 – 20 mA DC |
| **Output 2** | 4 – 20 mA DC |
| **Power Input** | 24V DC (R) |
| **Operating Temp** | -5 to +55°C |
| **Response Time** | ≤ 0.5 seconds (0 – 90%) |
| **Accuracy** | ±0.1% of span |
---
### 2. Breakdown of the Model Suffix (4W4W-R/N)
* **4W (Input):** Indicates a 4 – 20 mA DC input.
* **4W (Output 1):** Indicates a 4 – 20 mA DC output.
* **4W (Output 2):** Indicates a second, independent 4 – 20 mA DC output.
* **R (Power):** Specifies the power supply requirement as **24V DC**.
* **N (Standard):** Indicates standard options/no special coating.
---
### 3. Functional Electronic Components
The device operates using three primary internal stages to ensure signal integrity:
1. **Input Conditioning Stage:**
Uses a precision shunt resistor to convert the current signal into a voltage, followed by a low-drift operational amplifier to stabilize the signal.
2. **Isolation Barrier:**
Employs **optical or magnetic isolation** (up to 2000V AC) between the input, output 1, output 2, and the power supply. This prevents ground loops and protects sensitive equipment like PLCs.
3. **Dual Output Driver Stage:**
Features two independent constant-current circuits. Because these are isolated from each other, a failure or short circuit on "Output 1" will not affect the signal on "Output 2."
---
### 4. Wiring Diagram Representation
Below is a simplified representation of the terminal connections:
```text
[Power Supply]
Terminal 7: +24V DC
Terminal 8: 0V (GND)
[Input Signal]
Terminal 5: Input (+)
Terminal 6: Input (-)
[Output 1]
Terminal 1: Output 1 (+)
Terminal 2: Output 1 (-)
[Output 2]
Terminal 3: Output 2 (+)
Terminal 4: Output 2 (-)
```
---
### 5. Application Use Case
This part is commonly used when one sensor (e.g., a pressure transmitter) needs to send data to two different locations simultaneously, such as a local digital display and a remote SCADA system, without the signals interfering with one another.
- ⤷
What is the maximum load resistance supported by the 4-20mA outputs?
- ⤷ How do I calibrate the Zero and Span on this specific model?
- ⤷ Does this model support DIN rail mounting?