M2VF-50-R/CE
AI

The **M2VF-50-R/CE** is a high-performance **Signal Conditioner (Transmitter)** from the M2 Series manufactured by **M-System**. Its primary electronic function is to accept a variable DC voltage input and provide a standardized DC output, ensuring galvanic isolation between the input, output, and power source.
---
### 1. Key Technical Specifications
| Feature | Specification Details |
| :--- | :--- |
| **Model Series** | M2 (Mini-M) Series |
| **Input Type** | Variable DC Voltage (Customizable range) |
| **Output Type** | 4 – 20 mA DC (Standard for "50" code) |
| **Power Input** | 24V DC (Standard for "R" code) |
| **Standards** | CE Marking (EMC Directive compliance) |
| **Isolation** | 3-way isolation (Input to Output to Power) |
| **Accuracy** | ±0.1% of span |
---
### 2. Internal Electronic Components & Architecture
The device is built using industrial-grade surface-mount technology (SMT) and utilizes several critical electronic sub-systems:
#### A. Input Stage (Signal Conditioning)
* **High Impedance Amplifier:** The input circuit features high input impedance (typically $\ge 1 M\Omega$) to prevent loading effects on the sensor or source voltage.
* **Filtering:** Low-pass filters are integrated to suppress high-frequency noise and electromagnetic interference (EMI).
#### B. Isolation Barrier
* **Optical or Magnetic Coupling:** To achieve the required dielectric strength (usually 2000V AC), the electronic signals are converted into light (Opto-couplers) or magnetic pulses (Transformers) to cross the isolation barrier without a physical electrical connection.
* **Isolated DC/DC Converter:** An internal switching regulator converts the 24V DC power into isolated voltages to power the input and output stages independently.
#### C. Output Drive Stage
* **Constant Current Source:** For the 4-20mA output, the circuit uses a precision operational amplifier and a power transistor to maintain a constant current regardless of the load resistance (up to $550 \Omega$).
* **Zero/Span Adjustments:** Multiturn potentiometers (trimmers) accessible from the front panel allow for fine-tuning the electronic offset and gain.
---
### 3. Application Use Case
This part is typically used in industrial automation to:
1. **Eliminate Ground Loops:** By isolating the sensor ground from the PLC/DCS ground.
2. **Signal Conversion:** Converting a non-standard voltage (e.g., 0-100mV) into a standard 4-20mA loop for long-distance transmission.
3. **Noise Reduction:** Cleaning up "dirty" electrical signals before they reach sensitive control logic.
---
### 4. Wiring Diagram (Conceptual)
```text
[ Field Sensor ] [ M2VF-50-R/CE ] [ PLC / Controller ]
(Input) (Unit) (Output)
+-----------+ +-------------+ +------------+
| DC Source |---------> | [1] In (+) | | [4] Out (+)|
| |---------> | [2] In (-) | | [5] Out (-)|
+-----------+ +-------------+ +------------+
| |
+-------------+
| [7] 24V (+) |
| [8] 24V (-) |
+-------------+
```
- ⤷
What are the specific input range options for the M2VF series?
- ⤷ How do I calibrate the zero and span settings on this unit?
- ⤷ What is the difference between the 'R' and 'M2' power supply codes?