M2VF-50-R/UL
AI

### M2VF-50-R/UL Technical Overview
The **M2VF-50-R/UL** is a high-precision, transducer-type electronic component, specifically a **Transducer-style Signal Conditioner (Frequency to Voltage/Current)** manufactured by **M-System**. It is designed to convert pulse frequency inputs into standardized analog signals.
---
### Key Specifications
| Feature | Specification |
| :--- | :--- |
| **Input Type** | Pulse (Dry contact, voltage pulse, open collector) |
| **Output Type** | Analog (0-10V DC, 4-20mA DC, etc., depending on configuration) |
| **Power Input** | 24V DC (typical for the -R suffix) |
| **Response Time** | ≤ 0.5 seconds + 1 cycle of input frequency |
| **Mounting** | DIN Rail or Surface Mount |
| **Safety Standard** | UL/cUL recognized (as per the /UL suffix) |
---
### Core Electronic Functions
#### 1. Signal Conversion (F/V or F/I)
The primary circuit architecture performs **Frequency-to-Analog conversion**. It measures the rate of incoming pulses (e.g., from a flow meter or rotary encoder) and translates that rate into a linear voltage or current signal proportional to the input frequency range.
#### 2. Isolation
The device features **three-way isolation** (Input to Output to Power). This is a critical electronic safety feature that:
* Prevents ground loops.
* Protects sensitive PLC/DCS controllers from high-voltage surges on the field side.
* Reduces electrical noise interference.
#### 3. Pulse Shaping
The input stage includes a comparator and pulse-shaping circuit. This allows the device to handle "dirty" signals or low-voltage pulses by cleaning them into a square wave before the frequency calculation occurs.
---
### Hardware Interface
* **Front Potentiometers:** Usually includes **ZERO** and **SPAN** adjustments. These are used to calibrate the analog output (e.g., ensuring 4mA exactly matches 0Hz).
* **LED Indicator:** A power/status LED on the front panel indicates the operational state of the internal power supply.
* **Terminal Block:** Screw terminals for secure electrical connections.
---
### Application Usage
This part is commonly used in industrial automation for:
1. **Flow Measurement:** Converting pulses from turbine flowmeters.
2. **Motor Speed Monitoring:** Converting pulses from proximity sensors or encoders on a rotating shaft.
3. **Integrator Interfacing:** Sending speed data to a PLC that only accepts analog inputs.
- ⤷What is the specific input frequency range supported by the M2VF series?
- ⤷ How do the 'Zero' and 'Span' adjustments work during calibration?
- ⤷ Can the M2VF-50-R be used with an open collector sensor?