M2VF-54W-R
AI

The **M2VF-54W-R** is a specific model within the series of **Signal Conditioners** (specifically a Plug-in Signal Transmitter) manufactured by **M-System**. These devices are used in industrial automation to convert, isolate, and transmit electrical signals between field sensors and control systems (like PLCs or DCS).
---
## 1. Technical Specifications Breakdown
The alphanumeric code "M2VF-54W-R" identifies the specific electronic configuration and input/output capabilities of the unit.
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Model Series** | M2VF | Mini-M Series Signal Conditioner (Plug-in) |
| **Input Type** | 5 | 0 – 5V DC |
| **Output 1** | 4 | 0 – 10V DC |
| **Output 2** | W | 4 – 20mA DC (Dual Output version) |
| **Power Input** | R | 24V DC |
---
## 2. Key Electronic Components & Functions
The device functions as a high-precision analog processor. Its internal circuitry is categorized into three main stages:
### A. Input Stage (Signal Conditioning)
* **Voltage Divider/Buffer:** The 0–5V DC input is received through a high-impedance buffer to prevent loading the source sensor.
* **Filtering:** Low-pass filters are used to remove high-frequency noise or EMI from the field wiring.
### B. Isolation Barrier (Galvanic Isolation)
* **Optical/Transformer Isolation:** This is the most critical part. It separates the input, outputs, and power supply from each other (3-way or 4-way isolation).
* **Purpose:** Prevents ground loops, protects sensitive PLC inputs from high-voltage surges, and ensures signal integrity in noisy environments.
### C. Output Stage (Dual Output)
* **V/I Conversion:** Since this is a "W" model (dual output), the internal electronics split the signal.
* **Output 1 (Voltage):** Uses an operational amplifier to scale the signal to a 0–10V range.
* **Output 2 (Current):** Uses a voltage-to-current converter to drive a stable 4–20mA loop, regardless of the load resistance (up to a specific limit, usually 350-500Ω).
---
## 3. Physical & Installation Features
* **Plug-in Structure:** The electronic module plugs into a base socket. This allows for "hot-swapping" or replacement without disconnecting the field wiring.
* **Potentiometers:** The front panel typically features "Zero" and "Span" adjustments to calibrate the accuracy of the conversion.
* **LED Indicator:** A power LED indicates that the 24V DC supply is active and the internal DC-DC converter is functioning.
---
## 4. Summary Table
| Parameter | Value |
| :--- | :--- |
| **Input Impedance** | 1 MΩ minimum |
| **Output Load Resistance** | 500 Ω max (Current) / 10k Ω min (Voltage) |
| **Isolation** | Input to Output 1 to Output 2 to Power |
| **Accuracy** | ±0.1% of span |
| **Response Time** | ≤ 0.5 seconds (0 - 90%) |
- ⤷What are the wiring pin assignments for the M2VF base socket?
- ⤷ How do I calibrate the Zero and Span on this specific model?
- ⤷ Can this unit be used with a 110V AC power source instead of 24V DC?