M2VF-55W-R2/UL
AI

The **M2VF-55W-R2/UL** is a high-performance **Signal Conditioner** (specifically a signal isolator/converter) manufactured by **M-System** (now MG CO., LTD). It is part of the Mini-M series, designed to convert DC input signals into standard DC output signals with isolation.
---
### 1. Key Technical Specifications
| Parameter | Specification Details |
| :--- | :--- |
| **Input Signal** | DC Current or DC Voltage (User specified upon ordering) |
| **Output Signal** | DC Current or DC Voltage (User specified upon ordering) |
| **Power Input** | 24V DC |
| **Mounting** | Plug-in (DIN Rail or Wall mount) |
| **Isolation** | 3-way isolation (Input to Output to Power) |
| **Accuracy** | ±0.1% of span |
| **Response Time** | ≤ 0.5 seconds (0 – 90%) |
### 2. Meaning of the Part Number (Model Identification)
Understanding the nomenclature helps identify the specific electronic characteristics:
* **M2VF**: Model series (Signal Conditioner / Isolator).
* **-5**: Input code (e.g., 4-20mA DC or 1-5V DC—varies by specific config).
* **5**: Output code (e.g., 4-20mA DC).
* **W**: Power supply code (typically 24V DC).
* **-R2**: Revision/Design series identifier.
* **UL**: Certified for UL/C-UL standards (United States and Canada safety standards).
### 3. Core Electronic Features
#### A. 3-Way Isolation
The device electronically decouples the **Input**, **Output**, and **Power supply**. This is critical for:
* Preventing ground loops in industrial environments.
* Protecting sensitive PLC/DCS controllers from high-voltage surges on the field side.
* Reducing signal noise and interference.
#### B. Fast Response & Precision
The unit uses high-quality operational amplifiers and a precision reference voltage source to ensure that the conversion from input to output is linear and highly accurate (0.1% tolerance).
#### C. Power Efficiency
Designed as a "Mini-M" series component, it has a very slim profile (23.5mm width), allowing for high-density installation in control panels while maintaining low power consumption.
### 4. Typical Connection Diagram (Block Level)
```mermaid
graph LR
A[Field Sensor] -- DC Input --> B[M2VF Isolator]
B -- Isolated DC Output --> C[PLC/DCS/Recorder]
D[24V DC Power] --> B
```
---
- ⤷
What are the specific wiring terminal assignments for the M2VF series?
- ⤷ Can this unit be used to convert 4-20mA to 0-10V signals?
- ⤷ Does the M2VF-55W-R2 require a specific base for DIN rail mounting?