M2VF-5A-R
AI

The **M2VF-5A-R** is a specific model of a **Plug-in Analog Type Signal Conditioner** (often referred to as an Isolator or Signal Converter) manufactured by **M-System**. These devices are critical in industrial automation for converting and isolating electrical signals between field sensors and control systems (PLC/DCS).
### 1. Technical Specifications Breakdown
The alphanumeric code "M2VF-5A-R" defines the hardware configuration and electronic capabilities of the unit:
| Code Segment | Parameter | Description |
| :--- | :--- | :--- |
| **M2VF** | Series Model | Mini-M Series Signal Conditioner (Analog Input/Output) |
| **5** | Input Signal | 0 – 5V DC |
| **A** | Output Signal | 4 – 20mA DC |
| **R** | Power Input | 24V DC |
---
### 2. Key Electronic Components & Features
The device consists of several internal electronic stages designed for precision and protection:
#### A. Isolation Circuitry
The "V" in the series often denotes the isolation capability. This part uses **optical or magnetic coupling** to provide 3-way isolation:
* **Input to Output:** Prevents ground loops from affecting the PLC.
* **Input/Output to Power:** Protects the internal electronics from power surges.
#### B. Signal Conversion (V to I)
Because the input is Voltage (0-5V) and the output is Current (4-20mA), the internal electronics feature a **Transconductance Amplifier**. It precisely maps the voltage level to a corresponding current level, ensuring the signal can travel long distances over copper wire without voltage drop interference.
#### C. Adjustment Potentiometers
On the front panel, you will typically find two small electronic trimmers:
* **Zero Adjustment:** Fine-tunes the 4mA floor.
* **Span Adjustment:** Fine-tunes the 20mA ceiling.
---
### 3. Electrical Connections
The M2VF-5A-R uses a **fixed-base plug-in** design. This allows the electronic module to be replaced without disconnecting the field wiring.
| Terminal No. | Function | Connection Type |
| :--- | :--- | :--- |
| **1 & 2** | Output (+) / (-) | 4 – 20mA Loop |
| **3 & 4** | Input (+) / (-) | 0 – 5V Source |
| **5 & 6** | Power Supply | 24V DC (+ / -) |
---
### 4. Hardware Characteristics
* **Response Time:** Usually $\leq$ 0.5 seconds (standard for analog processing).
* **Accuracy:** Typically $\pm$0.1% of span.
* **Housing Material:** Flame-resistant resin (Black).
* **Mounting:** DIN rail or Wall surface.
- ⤷
What is the maximum load resistance supported by the 4-20mA output of this model?
- ⤷ Can this unit be used to convert 1-5V signals
- ⤷ or is it strictly 0-5V?
- ⤷ Does the M2VF series require a specific base socket for DIN rail mounting?