M2VF-5FW-R/UL
AI

The **M2VF-5FW-R/UL** is a high-performance **Signal Conditioner** (specifically a Frequency-to-Voltage/Current Transmitter) manufactured by **M-System**. It is part of the Mini-M series, designed for converting pulse frequency signals from sensors into standard analog signals.
---
### 1. General Specifications
| Feature | Description |
| :--- | :--- |
| **Model Series** | Mini-M Series (Plug-in base) |
| **Primary Function** | Frequency to Analog Conversion |
| **Power Input** | 24V DC |
| **Output Type** | DC Voltage or Current (Varies by configuration) |
| **Safety Certification** | UL/C-UL listed, CE marking |
---
### 2. Breakdown of the Model Number
The suffix codes determine the specific electronic characteristics of the unit:
* **M2VF**: Model Name (Frequency Transmitter).
* **5**: Power Input (24V DC).
* **FW**: Input Range (Specifies high-frequency or wide-range pulse input).
* **R**: Power Supply Type (Standard DC power).
* **UL**: Certification (Underwriters Laboratories approved).
---
### 3. Key Electronic Components & Features
The device utilizes several critical electronic sub-systems to ensure precision and isolation:
#### A. Input Circuit (Pulse Processing)
The input is designed to accept various pulse types including:
* Open collector
* Mechanical contacts
* Voltage pulses (Square or Sine waves)
* **Electronic Filter:** Includes a noise filter to prevent false triggering from high-frequency interference.
#### B. Isolation Barrier
One of the most important electronic features is **Three-way Isolation**:
* **Input to Output**
* **Input to Power**
* **Output to Power**
This protects PLC/DCS systems from surges and eliminates ground loops.
#### C. Signal Conversion (D/A Conversion)
The internal circuitry converts the incoming pulse rate (Hz) into a steady DC level.
* **Low-Pass Filter:** Smooths the converted signal to ensure a stable analog output even if the input frequency fluctuates slightly.
* **Zero/Span Adjustments:** On-board potentiometers (trimmers) allow for fine-tuning the electronic output levels (e.g., ensuring exactly 4mA at 0Hz).
#### D. Physical Form Factor
* **Plug-in Structure:** The electronic components are housed in a removable module, while the wiring is fixed to a base socket. This allows for "hot-swapping" or replacing the unit without disturbing the field wiring.
---
### 4. Technical Summary Table
| Parameter | Specification |
| :--- | :--- |
| **Standard Input** | 0 – 100 kHz (depending on range) |
| **Response Time** | Max 0.5 seconds (0 - 90%) |
| **Insulation Resistance** | 100 MΩ or more (500V DC) |
| **Dielectric Strength** | 2000V AC @ 1 minute |
| **Operational Temp** | -5 to +55°C (23 to 131°F) |
---
- ⤷What are the specific wiring diagrams for the M2VF base socket?
- ⤷ How do I calibrate the zero and span settings for this model?
- ⤷ Can the M2VF-5FW-R/UL handle NPN and PNP sensor inputs?