M2VF-5W5W-R
AI

The **M2VF-5W5W-R** is a high-performance **Signal Conditioner / Isolated Signal Converter** manufactured by M-System (a leader in industrial automation and interface technology).
Below is a detailed breakdown of its electronic characteristics and specifications.
---
## 1. Device Overview
The M2VF series is designed to convert a standard DC input signal into two isolated DC output signals. The "5W5W" designation specifically refers to the input/output range configurations.
### Key Specifications
| Feature | Specification |
|:---|:---|
| **Model Type** | Ultra-Slim Signal Conditioner (M2 Series) |
| **Input Signal** | 0 – 5V DC |
| **Output 1** | 0 – 5V DC |
| **Output 2** | 0 – 5V DC |
| **Power Input (R)** | 24V DC |
| **Isolation** | 3-way isolation (Input to Output to Power) |
| **Construction** | Plug-in style / DIN rail mount |
---
## 2. Electronic Components & Internal Functions
The internal circuitry of the M2VF-5W5W-R is engineered for precision and industrial protection.
### A. Isolation Circuitry
The device uses **Optical or Magnetic Isolation** to separate the input, output, and power supply.
* **Dielectric Strength:** Usually rated at 2000V AC for 1 minute.
* **Purpose:** Eliminates ground loops, reduces noise, and protects sensitive PLC/DCS controllers from high-voltage surges in the field.
### B. Signal Conversion & Linearization
The core of the unit contains an operational amplifier (Op-Amp) network or a high-resolution A/D and D/A converter system.
* **Accuracy:** Typically ±0.1% of span.
* **Temperature Coefficient:** Ensures minimal drift ($\pm 0.015\% / ^\circ C$) during operation in varying cabinet temperatures.
### C. Power Supply Regulation
The "R" suffix indicates a **24V DC** power requirement.
* Internal voltage regulators ensure that fluctuations in the 24V source do not affect the stability of the 0-5V output signals.
* The power consumption is remarkably low, typically around **0.8W**.
---
## 3. Terminal Connection Map
The device features a plug-in base for easy maintenance without disconnecting wires.
| Terminal No. | Function | Description |
|:---:|:---|:---|
| **1 / 2** | Output 1 (+) / (-) | 0–5V DC Signal to Controller A |
| **3 / 4** | Output 2 (+) / (-) | 0–5V DC Signal to Controller B |
| **5 / 6** | Input (+) / (-) | 0–5V DC Signal from Sensor |
| **7 / 8** | Power (+) / (-) | 24V DC Operational Power |
---
## 4. Performance Features
* **Response Time:** $\leq$ 3 milliseconds (0 – 90%).
* **Load Resistance:** Output 1 and 2 require a load of $\geq$ 5000 $\Omega$ to maintain accuracy for a 5V signal.
* **Zero/Span Adjustment:** Front-accessible multi-turn potentiometers allow for $\pm 5\%$ calibration adjustments.
---
- ⤷
What are the wiring precautions for the M2VF-5W5W-R to avoid signal noise?
- ⤷ Can this model be used to convert 0-5V into a 4-20mA signal?
- ⤷ How does 3-way isolation differ from 2-way isolation in this specific module?