Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2VF-65W-R/UL

  • AI
    The **M2VF-65W-R/UL** is a high-efficiency AC/DC switching power supply module, commonly used in industrial automation, telecommunications, and medical equipment. It is designed to provide stable DC power from a wide-range AC input. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 85V - 264V AC (Universal Input) | | **Output Power** | 65 Watts | | **Cooling** | Natural Convection (No fan required) | | **Safety Certification** | UL (Underwriters Laboratories) Recognized | | **Efficiency** | Typically >85% | | **Mounting Type** | Chassis Mount / Internal Component | --- ### 2. Main Electronic Components & Functions The module is composed of several critical stages that manage power conversion: #### A. Input Filtering (EMI/EMC) * **X/Y Capacitors & Common Mode Chokes:** These components filter out electromagnetic interference (EMI) from the AC line and prevent the power supply's high-frequency noise from feeding back into the grid. * **Metal Oxide Varistor (MOV):** Protects the internal circuitry from high-voltage surges and lightning strikes. #### B. Rectification and PFC * **Bridge Rectifier:** Converts the incoming AC sine wave into a pulsating DC voltage. * **Bulk Capacitor:** Smooths the pulsating DC into a stable high-voltage DC bus. #### C. Switching Stage (The "Heart") * **PWM Controller IC:** The brain of the unit. It modulates the "on/off" time of the switching transistor to maintain a steady output voltage regardless of load changes. * **Power MOSFET:** A high-speed switch that chops the DC bus voltage into high-frequency pulses (usually 65kHz to 100kHz) to be passed through the transformer. #### D. Isolation & Transformation * **High-Frequency Transformer:** Provides galvanic isolation between the dangerous high-voltage AC input and the safe low-voltage DC output. It steps down the voltage to the required level. #### E. Output Rectification & Filtering * **Schottky Diodes:** Rectify the high-frequency AC from the transformer back into DC. * **Low ESR Electrolytic Capacitors:** Filter the output ripples to provide "clean" power to the sensitive electronic loads. --- ### 3. Protective Features The "R" and "UL" designations often imply specific safety and resilience features: * **Over-Voltage Protection (OVP):** Shuts down the unit if the output voltage exceeds safe limits. * **Short Circuit Protection (SCP):** Prevents the unit from burning out if the output leads are touched together. * **Over-Load Protection (OLP):** Limits the current output to 65W to prevent overheating. ---
    ✨ Follow-up Questions
    • ⤷What is the specific output voltage for the M2VF-65W-R/UL model?
    • ⤷ What are the mechanical dimensions and mounting patterns for this power supply?
    • ⤷ Does this model support parallel operation for higher power requirements?