M2VF-A5W-R/N
AI

The **M2VF-A5W-R/N** is a specific model of an **Ultra-Slim Signal Conditioner** (Transducer) manufactured by **M-System** (now MG CO., LTD). These devices are used in industrial automation to convert analog signals into different standardized electrical signals while providing galvanic isolation.
---
### 1. Part Number Breakdown
The alphanumeric code identifies the specific electrical characteristics of the unit:
| Code Segment | Meaning | Specification |
| :--- | :--- | :--- |
| **M2VF** | Series Name | M2-Series Ultra-slim Signal Conditioner |
| **A** | Input Signal | **4 – 20 mA DC** |
| **5W** | Output Signal | **Dual Output** (Output 1: 0–5V DC / Output 2: 0–5V DC) |
| **R** | Power Input | **24V DC** |
| **N** | Standards/Options | No special CE/UL marking (standard version) |
---
### 2. Key Technical Specifications
Below are the electronic parameters governing this component:
#### **Input Specifications**
- **Input Type:** Current (Active or Passive loop).
- **Input Resistance:** Approx. 250 $\Omega$.
- **Range:** 4 to 20 mA DC.
#### **Output Specifications**
- **Dual Output:** This model splits the input signal into two identical or independent 0–5V DC outputs.
- **Load Resistance:** Output 1 & 2 must be $\ge$ 5000 $\Omega$.
- **Response Time:** $\le$ 0.5 seconds (0 – 90%).
#### **Power & Isolation**
- **Supply Voltage:** 24V DC ($\pm$10%).
- **Current Consumption:** Approx. 50 mA.
- **Isolation Structure:** 3-way isolation (Input to Output to Power).
- **Dielectric Strength:** 2000V AC @ 1 minute.
---
### 3. Electronic Architecture
The internal circuitry typically consists of three main stages:
1. **Input Conditioning:** A precision shunt resistor converts the 4-20mA current into a voltage. An operational amplifier (Op-Amp) buffers this signal.
2. **Galvanic Isolation:** The signal is modulated (often via pulse-width modulation or optical coupling) to pass across an isolation barrier. This protects sensitive PLC/DCS inputs from high-voltage surges or ground loops.
3. **Output Stage:** A digital-to-analog converter or filtering stage recreates the signal as a steady 0-5V DC voltage, split into two independent buffers for Output 1 and Output 2.
---
### 4. Physical Form Factor
* **Mounting:** DIN Rail (35mm).
* **Connection:** M3 screw terminals.
* **Housing Material:** Flame-resistant resin (black).
* **Adjustments:** Zero and Span adjustments are located on the front panel for field calibration.
- ⤷
What is the wiring diagram for connecting a 4-20mA loop to this device?
- ⤷ Can the 0-5V outputs be adjusted to 1-5V via the internal potentiometers?
- ⤷ What are the environmental temperature limits for the M2VF series?