M2VF-B1-R
AI

The **M2VF-B1-R** is a specific model of an electronic signal transducer/converter from the **M2 Series** manufactured by **M-System** (now part of MG CO., LTD). It is primarily used in industrial automation to convert variable frequency signals into standard analog DC signals.
---
### 1. Key Technical Specifications
The model code `M2VF-B1-R` breaks down into specific hardware configurations:
| Component Code | Description | Details |
| :--- | :--- | :--- |
| **M2VF** | Model Series | Frequency Transmitter (Pulse-to-Analog Converter) |
| **B** | Input Type | Open Collector or Voltage Pulse |
| **1** | Output Type | 4 – 20 mA DC |
| **R** | Power Input | 24V DC |
---
### 2. Electronic Functionality
The M2VF-B1-R acts as a bridge between pulse-generating sensors (like flow meters or tachometers) and a PLC or DCS system.
#### Input Characteristics
* **Signal Types:** It accepts dry contact, open collector, or voltage pulse (square or sine wave).
* **Frequency Range:** Field-configurable, typically ranging from 0–0.01 Hz up to 0–10 kHz.
* **Pulse Width:** Requires a minimum pulse width (usually around 10 microseconds) to register the signal correctly.
#### Output Characteristics
* **Current Loop:** Provides a standardized **4–20 mA** signal proportional to the input frequency.
* **Load Resistance:** Capable of driving loads up to 550 $\Omega$.
#### Isolation & Protection
* **Three-Way Isolation:** The device provides electronic isolation between the **Input**, **Output**, and **Power Supply** (typically 2000V AC). This prevents ground loops and protects sensitive PLC equipment from field surges.
---
### 3. Physical & Hardware Features
* **Mounting:** Designed for standard DIN rail mounting.
* **Adjustments:** Features front-facing Zero and Span adjustments (potentiometers) for fine-tuning the output.
* **Connection:** Utilizes a socket-type base, allowing the electronics module to be replaced without disconnecting the field wiring.
---
### 4. Simplified Internal Block Diagram
The internal circuitry follows this general signal flow:
```mermaid
graph LR
A[Pulse Input] --> B[Pulse Shaper]
B --> C[F/V Converter]
C --> D[Isolation Barrier]
D --> E[Current Output 4-20mA]
```
1. **Pulse Shaper:** Cleans the input signal noise and standardizes the waveform.
2. **F/V Converter:** The core electronic stage that converts Frequency to Voltage.
3. **Isolation:** Optical or magnetic coupling to separate the circuits.
4. **Output Stage:** Converts the internal voltage to a regulated 4-20mA current loop.
- ⤷
How do you calibrate the Zero and Span for the M2VF-B1-R?
- ⤷ What are the specific wiring pinouts for the 24V DC power version?
- ⤷ Can this model handle high-voltage AC pulse inputs directly?