M2VF-BFW-R/
AI

The **M2VF-BFW-R** is a specific model within the **M2VF series** of signal conditioners manufactured by **M-System**. This device is a high-speed, ultra-slim signal transmitter (isolator) designed to convert a DC input signal into a standard DC output signal while providing electrical isolation.
---
### 1. Model Breakdown (M2VF-BFW-R)
| Code Segment | Description | Specific Value |
| :--- | :--- | :--- |
| **M2VF** | Series Name | Ultra-slim Signal Conditioner |
| **B** | Input Signal | 2 – 10 V DC |
| **F** | Output Signal | 4 – 20 mA DC |
| **W** | Output Configuration | Dual Output (Independent) |
| **R** | Power Input | 24V DC |
---
### 2. Key Electronic Specifications
The internal circuitry is designed for high-density mounting and high-speed response. Below are the technical parameters:
* **Isolation Structure:** 3-way isolation (Input to Output to Power).
* **Response Time:** Approximately $\leq 2$ ms (0 – 90%).
* **Accuracy:** $\pm 0.1\%$ of span.
* **Temperature Coefficient:** $\pm 0.015\% / ^\circ\text{C}$.
* **Insulation Resistance:** $\geq 100\text{ M}\Omega$ with 500V DC.
* **Dielectric Strength:** 2000V AC @ 1 minute (Input to Output to Power to Ground).
---
### 3. Connection Diagram (General Layout)
The device utilizes a plug-in socket base for easy maintenance.
```text
[Input Terminals]
(4) + Input (2-10V)
(5) - Input
[Output Terminals]
(1) + Output 1 (4-20mA)
(2) - Output 1
(3) + Output 2 (4-20mA)
(6) - Output 2
[Power Terminals]
(7) + 24V DC
(8) - 0V DC
```
---
### 4. Features & Usage
1. **High-Speed Processing:** Unlike standard transmitters that take 100ms+, the M2VF series is optimized for applications requiring rapid feedback loops.
2. **Dual Output:** The "W" in the code signifies that the device can take one input voltage and provide two isolated 4-20mA current signals.
3. **Space Saving:** The housing is typically only 5.9mm or 12.5mm wide (depending on specific housing revision), allowing for high-density DIN rail mounting.
4. **Zero/Span Adjustment:** Front-facing potentiometers allow for fine-tuning the output signals without removing the wiring.
- ⤷What is the maximum load resistance for the 4-20mA output on this model?
- ⤷ Can the two outputs be configured for different ranges?
- ⤷ How does the isolation protect the connected PLC or Controller?