Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2VF2-011-R2

  • AI
    The **M2VF2-011-R2** is a specific electronic component typically identified as a **M.2 (NGFF) to OCuLink (SFF-8612) Adapter Card**. It is primarily used in computing environments to bridge high-speed storage interfaces. --- ### 1. General Specifications This part acts as a physical and electrical converter between two different form factors of the PCIe (Peripheral Component Interconnect Express) standard. | Feature | Specification | | :--- | :--- | | **Model Number** | M2VF2-011-R2 | | **Interface (Host)** | M.2 Key-M (PCIe 3.0/4.0 x4) | | **Interface (Target)** | OCuLink SFF-8612 | | **Bandwidth** | Up to 32Gbps (PCIe Gen3 x4) or 64Gbps (PCIe Gen4 x4) | | **Form Factor** | M.2 2280 (80mm length) | --- ### 2. Key Electronic Components The PCB (Printed Circuit Board) of the M2VF2-011-R2 contains several critical electronic elements to ensure signal integrity: 1. **OCuLink Connector (SFF-8612):** The primary high-density connector used to attach external PCIe devices (like U.2 drives or external GPUs). 2. **Differential Pair Routing:** The copper traces are designed with specific impedance (usually 85-100 ohms) to prevent data loss during high-speed transfers. 3. **Power Management (LDO/Buck):** Small voltage regulators that ensure the 3.3V power from the M.2 slot is stable for the connected OCuLink cable logic. 4. **Decoupling Capacitors:** Surface-mount capacitors (SMD) that filter out high-frequency noise from the power lines. --- ### 3. Functional Use Cases This part is commonly used in the following scenarios: * **External GPU (eGPU) Setup:** Connecting a desktop graphics card to a laptop or NUC via an OCuLink cable. * **Enterprise Storage:** Connecting U.2 NVMe SSDs to consumer motherboards that only have M.2 slots. * **Server Maintenance:** Used in specialized rack servers to expand storage I/O without replacing the motherboard. --- ### 4. Hardware Installation Steps 1. **Insert** the M2VF2-011-R2 into an available **M.2 Key-M slot** on the motherboard. 2. **Secure** the adapter using the standard M.2 screw. 3. **Connect** an OCuLink (SFF-8611 to SFF-8639 or SFF-8611) cable to the adapter port. 4. **Power** the end device (SSD or GPU) using an external power supply, as the M.2 slot cannot provide enough wattage for high-power peripherals.
    ✨ Follow-up Questions
    • ⤷ Does the M2VF2-011-R2 support PCIe 4.0 speeds?
    • ⤷ What is the difference between OCuLink and standard SFF-8643 connectors?
    • ⤷ Do I need a driver to use this adapter on Windows or Linux?