Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2VF2-012-R

  • AI
    The **M2VF2-012-R** is a specific automotive-grade relay manufactured by **Panasonic** (specifically under their Automotive Systems division). It is widely used in vehicle electrical systems for controlling high-current circuits. --- ### 1. Key Technical Specifications The part number breaks down into specific electrical characteristics: | Parameter | Specification | | :--- | :--- | | **Relay Type** | Automotive Power Relay | | **Nominal Coil Voltage** | 12V DC | | **Contact Arrangement** | 1 Form C (SPDT - Single Pole Double Throw) | | **Contact Material** | AgSnO2 (Silver Tin Oxide) | | **Coil Resistance** | ~90 to 100 Ohms (Typical for 12V) | | **Terminal Type** | PCB Terminals (Through-hole) | | **Packaging** | Sealed (Flux-resistant or Washable) | --- ### 2. Internal Electronic Structure The device consists of three primary electronic components integrated into one housing: 1. **The Coil:** An electromagnetic copper winding. When 12V is applied, it creates a magnetic field that pulls the internal armature. 2. **The Contacts:** * **Common (COM):** The moving part. * **Normally Closed (NC):** Connected to COM when the relay is "off". * **Normally Open (NO):** Connects to COM when the relay is "on". 3. **The Resistor (Internal):** The "-R" suffix in the part number often indicates an **internal resistor** wired in parallel with the coil. This serves as a suppression device to dissipate the "Back EMF" (voltage spike) generated when the coil is switched off, protecting sensitive driving electronics (like transistors or ECUs). --- ### 3. Applications Due to its reliability and compact size, the M2VF2-012-R is found in various automotive modules: * **Wiper Motor Control:** High/Low speed switching. * **Power Windows/Locks:** Reversing polarity for motor direction. * **Fuel Pump Relays:** Switching the high-current pump circuit. * **Lighting Control:** High beam/Low beam switching. --- ### 4. Comparison to Standard Relays | Feature | M2VF2-012-R | Standard General Purpose Relay | | :--- | :--- | :--- | | **Vibration Resistance** | High (Automotive Grade) | Moderate | | **Temperature Range** | -40°C to +85°C+ | -20°C to +60°C | | **Protection** | Internal Suppression Included | Requires External Diode | | **Switching Life** | >100,000 Cycles (Electrical) | Variable | ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the M2VF2-012-R contacts?
    • ⤷ How do I test if the internal suppression resistor is functioning?
    • ⤷ Can this relay be used in 24V automotive systems?