M2VF2-012-R/UL
AI

The **M2VF2-012-R/UL** is a specific model of a **Miniature Intermediate Power Relay**, typically manufactured by brands like **Megatone** or similar electronic component suppliers. This relay is designed for PCB (Printed Circuit Board) mounting and is used to control a high-power circuit with a low-power signal.
---
### 1. Part Number Breakdown
Understanding the nomenclature helps identify the component's specifications:
| Segment | Meaning | Specification |
| :--- | :--- | :--- |
| **M2V** | Series Code | Miniature Intermediate Power Relay |
| **F2** | Contact Form | 2 Form C (DPDT - Double Pole Double Throw) |
| **012** | Coil Voltage | 12V DC |
| **R** | Feature | RoHS Compliant |
| **UL** | Certification | UL (Underwriters Laboratories) Recognized |
---
### 2. Technical Specifications
The following table outlines the typical electrical and physical characteristics of this part:
| Parameter | Value |
| :--- | :--- |
| **Contact Arrangement** | 2 Form C (DPDT) |
| **Max Switching Current** | 5A to 8A (depending on load type) |
| **Max Switching Voltage** | 250V AC / 30V DC |
| **Coil Nominal Voltage** | 12V DC |
| **Coil Power Consumption** | Approx. 0.54W |
| **Insulation Resistance** | 1,000 MΩ Min. (at 500V DC) |
| **Dielectric Strength** | 5,000V AC (between coil and contacts) |
| **Mounting Type** | Through-hole PCB |
---
### 3. Key Features
* **High Sensitivity:** Requires relatively low power to trigger the coil.
* **Safety Standards:** The "UL" designation confirms it meets North American safety requirements for flame retardancy and electrical insulation.
* **Compact Footprint:** Designed for high-density PCB layouts where space is limited but high switching capacity is needed.
* **Double Pole Double Throw (DPDT):** It can control two separate circuits simultaneously, making it versatile for reversing motor polarity or switching between two different power sources.
---
### 4. Common Applications
1. **Industrial Controls:** Used in PLC outputs to drive small motors or solenoids.
2. **Home Appliances:** Control boards for washing machines, HVAC systems, and refrigerators.
3. **Consumer Electronics:** Power management in audio-visual equipment.
4. **Automotive Electronics:** Signal switching for 12V DC systems (though usually indoor/protected environments).
---
- ⤷
What is the pinout configuration for the M2VF2 series?
- ⤷ Are there equivalent relays from other manufacturers like Omron or Finder?
- ⤷ What is the maximum operating temperature for this relay?