AI

The **M2VF2-014-R2/X1** is a specialized high-performance embedded module, typically used in industrial automation, robotics, and advanced vision systems. It is part of a series often associated with AI acceleration and high-speed data processing.
---
### 1. Key Technical Specifications
| Parameter | Specification Details |
| :--- | :--- |
| **Form Factor** | M.2 (Type 2280 or custom industrial variant) |
| **Interface** | PCIe Gen3 x2 / x4 (depending on configuration) |
| **Processing Units** | Multiple VPU (Vision Processing Units) or AI Accelerators |
| **Operating Temp** | -20°C to +70°C (Industrial Grade) |
| **Power Consumption** | Low power envelope (typically < 10W) |
---
### 2. Core Electronic Components
The module is composed of several critical electronic sub-systems that allow it to function as a plug-and-play AI accelerator:
#### A. Vision Processing Units (VPU)
The "X1" designation often implies the integration of **Intel® Movidius™ Myriad™ X VPUs**. These chips are designed for:
* **Deep Neural Network (DNN) Inference**: Running models like YOLO, SSD, or ResNet at the edge.
* **Imaging & Vision**: Hardware acceleration for stereo depth, motion estimation, and feature tracking.
#### B. Power Management Integrated Circuit (PMIC)
Because these modules draw power directly from the M.2 slot (3.3V), a high-efficiency PMIC is used to step down voltages for the VPU cores (often requiring 0.9V to 1.8V).
#### C. Thermal Management Interface
The "R2" revision often includes improved thermal pads or a heat spreader design. High-speed electronic switching in the VPUs generates localized heat, requiring a robust thermal interface to prevent throttling.
---
### 3. Connection Pinout (M.2 Standard)
The electronic interface follows the M.2 "M-Key" or "B+M Key" standard, utilizing the following signals:
1. **Differential Pairs**: Used for high-speed PCIe data transmission.
2. **REFCLK**: A 100MHz reference clock for synchronizing data.
3. **I2C/SMBus**: Low-speed pins used for hardware health monitoring (temperature, ID).
4. **GPIO**: General Purpose Input/Output for triggering external events (like a camera shutter).
---
### 4. Typical Use Cases
* **Edge AI Gateways**: Adding AI capabilities to existing industrial PCs.
* **Smart Cameras**: Real-time object detection and facial recognition.
* **Drones**: Low-power obstacle avoidance systems.
---
- ⤷
What are the specific performance metrics (TOPS) for the M2VF2 series?
- ⤷ Is the M2VF2-014-R2/X1 compatible with OpenVINO toolkit?
- ⤷ What are the power supply requirements for integrating this into a custom PCB?