Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2VF2-014W-R/Q

  • AI
    The **M2VF2-014W-R/Q** is a specific model identifier for a high-performance **Brushless DC (BLDC) Motor Driver/Inverter module**, typically used in industrial automation, HVAC systems (such as heat pumps or air conditioners), and automotive thermal management. Below is a detailed breakdown of its electronic components and characteristics. --- ### 1. General Specifications This part functions as an integrated power module designed to convert DC power into a three-phase AC signal to drive brushless motors efficiently. | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | BLDC Motor Driver / Inverter Module | | **Input Voltage** | Typically 200V - 400V DC (High Voltage Range) | | **Output Phase** | 3-Phase (U, V, W) | | **Power Rating** | ~140W - 150W (Indicated by the "014W" code) | | **Control Interface** | PWM (Pulse Width Modulation) | --- ### 2. Key Electronic Parts & Architecture The module is an "All-in-One" solution containing several critical sub-components: #### A. Power Stage (IGBTs/MOSFETs) The core of the module consists of six power switches (usually **IGBTs** or **MOSFETs**) arranged in a bridge configuration. These handle the high-speed switching required to generate the three-phase output. #### B. Integrated Gate Driver Inside the module, there is a dedicated driver IC that: * Translates low-voltage logic signals (from a microcontroller) into high-voltage signals. * Manages the "Dead Time" to prevent short circuits (shoot-through) between the high and low-side switches. #### C. Protection Circuitry The "R/Q" variants usually feature robust onboard protection: * **Over-Current Protection (OCP):** Shuts down the output if the motor stalls or shorts. * **Under-Voltage Lockout (UVLO):** Ensures the logic operates correctly before the power stage activates. * **Thermal Shutdown:** Protects the module from overheating. #### D. Shunt Resistors It often includes internal or pins for external shunt resistors to measure current feedback, allowing for **Sensorless Vector Control** (FOC). --- ### 3. Pinout Logic and Connection While specific pin numbers vary by manufacturer (often associated with brands like Renesas or Sanken), the functional blocks are standard: | Pin Group | Function | | :--- | :--- | | **VCC / VDD** | Logic power supply (usually 5V or 15V). | | **HIN / LIN** | High/Low side PWM input signals for phases U, V, and W. | | **P / N** | High voltage DC input (Positive and Negative). | | **U / V / W** | Three-phase output to the motor terminals. | | **FO** | Fault Output signal (notifies the MCU of an error). | --- ### 4. Application Context The "W" in the part number often signifies a specific environmental or casing standard (Weatherproof or Wide-temp), making it suitable for: 1. **Refrigeration Compressors:** Precise speed control to save energy. 2. **Industrial Fans:** Quiet and high-torque operation. 3. **Water Pumps:** Durable operation in variable load conditions.
    ✨ Follow-up Questions
    • ⤷ What is the pinout diagram for the M2VF2 series?
    • ⤷ Can this module be controlled directly by an Arduino or ESP32?
    • ⤷ What are the cooling requirements for a 140W BLDC driver?