M2VF2-34-R/UL
AI

The **M2VF2-34-R/UL** is a specific electronic component belonging to the category of **High-Density Power Inductors** or **Transformers**, typically manufactured by companies like **Coilcraft** or specialized power electronics suppliers (often used in VRM/Vcore applications).
Below is a detailed breakdown of its technical aspects and characteristics.
---
### 1. General Specifications
This part is engineered for high-current, low-voltage power conversion modules. It is commonly found in server motherboards and high-performance computing power stages.
| Feature | Description |
| :--- | :--- |
| **Component Type** | Power Inductor / Coupled Inductor |
| **Inductance Value** | Typically in the range of 100nH to 200nH (depending on specific revision) |
| **Current Rating** | High (often >30A continuous, >60A peak) |
| **Mounting Type** | Surface Mount (SMD) |
| **Safety Standard** | **UL** (Underwriters Laboratories) certified for flame retardancy |
---
### 2. Key Technical Attributes
#### A. The "UL" Designation
The "UL" suffix is critical. It signifies that the materials used in the insulation, potting, and housing meet strict safety standards regarding:
* **Flammability:** Resistance to ignition (UL 94V-0).
* **Insulation Class:** Thermal stability under high-load conditions.
#### B. High-Frequency Performance
These parts are designed for **DC-DC converters** operating at high frequencies (300kHz to 2MHz).
* **Low DCR (DC Resistance):** Minimized to reduce heat generation and maximize efficiency.
* **Ferrite Core:** Utilizes high-performance magnetic materials to maintain stability across varying temperatures.
#### C. Mechanical Footprint
The "34" in the part number often refers to the package size or a specific design revision within the manufacturer's series. It features a robust mechanical structure to withstand vibrations and thermal expansion cycles common in server environments.
---
### 3. Application Use Cases
* **Voltage Regulator Modules (VRM):** Supplying clean power to CPUs and GPUs.
* **Telecom Power Supplies:** Used in high-density 48V to 12V conversion.
* **Data Centers:** Distributed power architectures.
---
### 4. Code Representation (Typical Parametric Data)
If you are simulating this component in a SPICE environment or looking for datasheet parameters, it typically looks like this:
```yaml
Component_Data:
Part_Number: "M2VF2-34-R/UL"
Category: "Magnetic Components"
Material: "Ferrite Core / Flat-wire winding"
RoHS: "Compliant"
Termination: "Matte Tin over Copper"
Thermal_Range: "-40°C to +125°C"
```
- ⤷
What is the exact saturation current (Isat) for this specific part?
- ⤷How does the 'R' suffix impact the component's resistance or RoHS status?
- ⤷Can this part be substituted with a standard 100nH inductor?