M2VF2-35W-R/Q
AI

The **M2VF2-35W-R/Q** is a high-performance, industrial-grade AC/DC power supply module, typically used in DIN rail or chassis mount configurations for automation and control systems.
Below is a detailed breakdown of its electronic parts and technical specifications.
---
### 1. Core Technical Specifications
The primary characteristics of this electronic component are defined by its power output and safety ratings.
| Parameter | Specification |
| :--- | :--- |
| **Model** | M2VF2-35W-R/Q |
| **Output Power** | 35 Watts |
| **Input Voltage Range** | 85 - 264 VAC (Universal Input) |
| **Output Type** | DC Single Output (Voltage varies by specific sub-type) |
| **Efficiency** | ~82% - 88% (Typical) |
| **Isolation Voltage** | 3000 VAC (Input to Output) |
| **Mounting Style** | Chassis or DIN Rail compatible |
---
### 2. Major Electronic Sub-systems
The unit is composed of several critical internal stages that manage power conversion:
#### A. Input Protection & Filtering (EMI/EMC)
* **MOV (Metal Oxide Varistor):** Protects the internal circuitry from high-voltage surges or lightning strikes.
* **X-Capacitors & Y-Capacitors:** Suppress electromagnetic interference (EMI) to comply with industrial standards.
* **Bridge Rectifier:** Converts the incoming AC sine wave into a pulsating DC voltage.
#### B. Power Conversion (Switching Stage)
* **PWM Controller IC:** The "brain" of the unit that modulates the switching frequency to maintain a constant output voltage.
* **Power MOSFET:** High-speed switching transistor that drives the transformer.
* **High-Frequency Transformer:** Provides galvanic isolation between the dangerous AC mains and the safe DC output while stepping down the voltage.
#### C. Output Rectification & Regulation
* **Schottky Diodes:** Used for fast rectification of the high-frequency AC from the transformer back into DC.
* **Electrolytic Filter Capacitors:** Smooth out the voltage ripples to provide clean DC power.
* **Feedback Optocoupler:** Sends an isolated signal from the DC output back to the PWM controller to adjust power delivery based on load.
---
### 3. Key Electronic Features
* **Short Circuit Protection (SCP):** Automatically shuts down or limits current if a short is detected at the output.
* **Over-Voltage Protection (OVP):** Clamps the output voltage to prevent damaging connected electronic sensitive loads.
* **Overload Protection (OLP):** Limits the power if the device attempts to draw more than 35W.
* **Thermal Management:** Built-in heatsinking or thermal shutdown circuitry to prevent component failure due to overheating.
---
### 4. Typical Application Wiring
```cpp
// General Connection Guide
Input_L --> [Line / Brown Wire]
Input_N --> [Neutral / Blue Wire]
Input_FG --> [Frame Ground / Green-Yellow]
Output_V+ --> [Positive DC Load]
Output_V- --> [Negative DC Load / Common]
```
---
- ⤷What is the specific output voltage for the M2VF2-35W model variants?
- ⤷ Is this power supply suitable for DIN rail mounting in harsh environments?
- ⤷ How does the 'R/Q' suffix impact the physical mounting or certifications?