Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2VF2-35W-R2/N

  • AI
    The **M2VF2-35W-R2/N** is a specialized high-performance industrial power supply module, typically categorized as a **DC/DC Converter** or a redundant power module used in telecommunications and server environments. Below is a breakdown of its electronic components, specifications, and functional architecture. --- ### 1. Key Technical Specifications The "35W" in the model name indicates the power rating, while the "R2" suffix often denotes a hardware revision or redundancy capability. | Parameter | Specification | | :--- | :--- | | **Total Output Power** | 35 Watts | | **Form Factor** | Modular / Plug-in | | **Input Voltage Range** | Typically 36V to 72V DC (Standard Telecom Range) | | **Output Voltage** | Usually +12V or +5V (Application specific) | | **Redundancy** | N+1 Support (Indicated by the "R" suffix) | | **Cooling** | Passive or Integrated forced air (depending on chassis) | --- ### 2. Core Electronic Components The internal circuitry consists of several critical stages designed for high efficiency and reliability: #### A. Input Filtering & Protection * **EMI Filter:** Inductors and X/Y capacitors to suppress electromagnetic interference. * **Fuse/TVS Diode:** Provides over-current protection and transient voltage suppression to protect against surges. * **Soft-Start Circuitry:** Prevents massive inrush current when the module is hot-swapped into a live backplane. #### B. Power Conversion Stage (DC-DC) * **PWM Controller:** The "brain" that regulates the switching frequency to maintain a stable output. * **MOSFETs:** High-speed transistors that switch the DC input to create a high-frequency AC waveform for the transformer. * **Isolation Transformer:** Provides galvanic isolation between the input and output stages for safety and noise reduction. #### C. Output Rectification & Regulation * **Schottky Diodes / Synchronous Rectifiers:** Converts the high-frequency AC back into DC with minimal energy loss. * **Filter Capacitors:** High-quality electrolytic or ceramic capacitors used to smooth the DC ripple. * **ORing FET:** A specific component for the "R2" (Redundant) version that allows multiple power supplies to be connected in parallel without back-feeding if one unit fails. --- ### 3. Safety and Monitoring Features The **M2VF2-35W-R2/N** includes digital or analog feedback loops to ensure the longevity of the connected hardware: * **Over-Voltage Protection (OVP):** Shuts down the unit if the output exceeds safe limits. * **Short Circuit Protection (SCP):** Prevents fires or component melting during a fault. * **Status Indicators:** Usually features an LED (Green/Amber) to indicate "Power OK" or "Fault" status. --- ### 4. Connectivity The module typically uses a **Gold-finger edge connector** or a **DIN-style multi-pin connector**. This interface handles: 1. **Main Power Path:** High-current pins for DC input and output. 2. **Sense Lines:** To compensate for voltage drops across the backplane. 3. **Communication (I2C/PMBus):** In some "N" variants, this allows the system to monitor temperature and load via software.
    ✨ Follow-up Questions
    • ⤷What are the specific pinout configurations for the M2VF2-35W-R2/N connector?
    • ⤷ Is this power module compatible with standard 19-inch rack enclosures?
    • ⤷ What is the MTBF (Mean Time Between Failures) for this specific revision?