M2VF2-35W-R2/X1
AI

The **M2VF2-35W-R2/X1** belongs to a series of high-performance, compact AC-DC power modules, often utilized in industrial automation and communication equipment.
### 1. Key Technical Specifications
Below are the primary electronic characteristics typical for this specific model:
| Parameter | Specification |
| :--- | :--- |
| **Output Power** | 35 Watts |
| **Input Voltage Range** | 85 – 264 VAC (Universal) or 120 – 370 VDC |
| **Output Voltage** | Usually 12V, 15V, or 24V (Specific to the -R2 variant) |
| **Cooling** | Natural Convection |
| **Protection** | Short Circuit, Overload, Overvoltage |
| **Isolation** | 3000 VAC (Input to Output) |
---
### 2. Internal Electronic Components
The device is a Switch Mode Power Supply (SMPS). Its internal architecture consists of several critical stages:
#### A. Input Filter & Rectification
* **EMI Filter:** Contains X and Y capacitors and a common-mode choke to suppress electromagnetic interference.
* **Bridge Rectifier:** Converts the AC input into a pulsating DC voltage.
* **Bulk Capacitor:** Smooths the rectified DC voltage to provide a stable high-voltage DC bus.
#### B. Power Conversion (The Switching Stage)
* **PWM Controller IC:** The "brain" that regulates output by adjusting the duty cycle of the switching transistor.
* **MOSFET/Power Switch:** A high-speed transistor that chops the DC voltage into high-frequency pulses.
* **High-Frequency Transformer:** Provides galvanic isolation and steps the voltage down to the required levels.
#### C. Output Rectification & Filtering
* **Schottky Diodes:** Rectify the high-frequency AC from the transformer back into DC.
* **Low ESR Capacitors:** Filter out high-frequency ripple to ensure a clean DC output.
* **Inductor/LC Filter:** Further smooths the current for sensitive electronics.
---
### 3. Safety and Feedback Parts
* **Optocoupler:** Provides a feedback loop from the output side back to the PWM controller while maintaining electrical isolation.
* **Zener Diodes / TL431:** Used as a reference to maintain precise voltage regulation.
* **Varistor (MOV):** Protects the unit against high-voltage surges from the AC line.
### 4. Physical Layout Features
* **Compact Form Factor:** Designed for PCB mounting or DIN rail integration depending on the casing.
* **Encapsulation:** Often potted in a thermally conductive resin to protect against vibration, moisture, and to dissipate heat efficiently.
- ⤷
What is the specific output voltage for the R2/X1 variant?
- ⤷ Can this module be used in medical applications requiring specific safety certifications?
- ⤷ What are the mounting dimensions for the M2VF2 series?