M2VF2-36-R/Q
AI

The **M2VF2-36-R/Q** is a high-precision, industrial-grade linear displacement transducer (often referred to as a LVDT or magnetostrictive sensor depending on the specific series architecture). It is commonly used in hydraulic cylinders and heavy machinery to measure exact positioning.
---
### 1. Technical Specifications Table
| Feature | Specification |
| :--- | :--- |
| **Model Series** | M2 (High-performance displacement) |
| **Effective Stroke** | 36 Inches (Approx. 914.4 mm) |
| **Output Type** | Voltage (V) - Typically 0-10V or 10-0V |
| **Mounting Style** | F2 (Standard flange or thread mount) |
| **Protection Class** | IP67 / IP68 (Depending on seal configuration) |
| **Linearity** | < ±0.01% of full scale |
| **Resolution** | Infinite (Analog) or 16-bit (Digital internal) |
---
### 2. Key Electronic Components
The device operates using **Magnetostrictive Technology**, which involves several internal electronic sub-systems:
#### A. The Waveguide
The core sensing element is a ferromagnetic wire (waveguide). An internal electronic pulse generator sends a "start" pulse down this wire.
#### B. The Position Magnet
A permanent magnet is attached to the moving part of the machine. When the start pulse reaches the magnetic field of this magnet, a mechanical strain wave (torsional pulse) is triggered and travels back toward the sensor head.
#### C. The Pickup / Signal Converter
* **Strain Sensor:** At the head of the unit, a specialized coil detects the returning mechanical wave.
* **Microprocessor:** Measures the time interval between the "start" pulse and the "return" pulse. Since the speed of sound in the waveguide is constant, the time is converted into a highly accurate distance measurement.
#### D. Output Driver (R/Q)
* **The "R" Suffix:** Often denotes a specific connector type (e.g., M12 or 6-pin circular).
* **The "Q" Suffix:** Usually indicates a specific voltage output range (e.g., 0-10 VDC) or a specific diagnostic feature.
---
### 3. Connection and Wiring
Most models in this series utilize a standard industrial pinout for integration with PLCs (Programmable Logic Controllers):
```yaml
Pin 1: +24 VDC (Power Supply)
Pin 2: Output Signal (0-10V)
Pin 3: 0V (Ground)
Pin 4: Signal Return / Shield
```
---
### 4. Common Applications
* **Hydraulic Cylinders:** Monitoring piston position in real-time.
* **Injection Molding:** Controlling the stroke of the clamp or injector.
* **Woodworking/Steel Mills:** Precise cutting and positioning of heavy materials.
- ⤷
What is the specific input voltage requirement for the M2 series?
- ⤷ How do I calibrate the 0V and 10V endpoints on this sensor?
- ⤷ Can this sensor be used in high-pressure submerged environments?