Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2VF2-4W3-R

  • AI
    The **M2VF2-4W3-R** is a specific model within the series of **Signal Conditioners** (specifically an Isolation Amplifier) manufactured by **M-System**. These devices are designed to convert, isolate, and transmit analog signals in industrial automation and process control environments. Below is a breakdown of the electronic parts and specifications for this model. --- ### 1. Model Code Breakdown The model name is alphanumeric, where each segment represents a specific electronic configuration: | Code Segment | Description | Specific Value for M2VF2-4W3-R | | :--- | :--- | :--- | | **M2VF2** | Series Name | M2-Series Signal Conditioner (V-Unit) | | **4W** | Input Type | 4 – 20 mA DC (Current Input) | | **3** | Output Type | 0 – 1 V DC (Voltage Output) | | **R** | Power Supply | 24V DC | --- ### 2. Key Electronic Components & Internal Functions The internal circuitry of the M2VF2-4W3-R is divided into three main isolated stages to ensure signal integrity. #### A. Input Section (4 – 20 mA DC) * **Precision Shunt Resistor:** The input current passes through a high-precision resistor to convert the current into a proportional voltage signal. * **Surge Protector:** Includes Zener diodes or varistors to protect the internal circuits from high-voltage spikes on the input line. #### B. Isolation Barrier (Optical or Transformer) * **Galvanic Isolation:** This is the "core" of the part. It uses magnetic or optical coupling to transfer the signal across a physical gap. * **Isolation Level:** Provides **2000V AC isolation** between input, output, and power. This prevents ground loops and protects sensitive PLC/DCS equipment from field-side electrical noise. #### C. Output Section (0 – 1 V DC) * **Operational Amplifier (Op-Amp):** A low-drift amplifier scales the isolated signal to the specific 0–1V range. * **Zero/Span Adjustments:** Accessible potentiometers on the front panel allow for fine-tuning the electronic calibration of the output. --- ### 3. Technical Specifications | Parameter | Specification | | :--- | :--- | | **Accuracy** | ±0.1% of span | | **Response Time** | ≤ 0.5 seconds (0 – 90%) | | **Insulation Resistance** | 100 MΩ minimum at 500V DC | | **Construction** | Plug-in structure (DIN rail or Surface mount) | | **Terminal Screws** | M3.5 Nickel-plated steel | --- ### 4. Typical Application Circuit The unit acts as a bridge between a field sensor and a controller: ```mermaid graph LR A[4-20mA Sensor] --> B[Input: M2VF2] B --> C[Isolation Barrier] C --> D[Output: 0-1V DC] D --> E[PLC / Analog Input Card] ```
    ✨ Follow-up Questions
    • ⤷ What are the wiring differences between the M2VF2 and other M2 series models?
    • ⤷ How do I perform a zero/span calibration on this specific unit?
    • ⤷ What is the maximum allowable load resistance for the output of this device?