M2VF2-4WE-R2/CE
AI

The **M2VF2-4WE-R2/CE** is a high-precision, multi-output signal conditioner (transducer) manufactured by **M-System**. It is primarily used in industrial automation to convert standard DC input signals into two independent, isolated DC outputs.
---
### 1. General Specifications
The device belongs to the **M2VF2 series**, known for its slim design and high reliability.
| Feature | Specification |
| :--- | :--- |
| **Input Signal** | 4 to 20 mA DC |
| **Output 1** | 1 to 5 V DC |
| **Output 2** | 1 to 5 V DC |
| **Power Input** | 24V DC (R2 code) |
| **Isolation** | 3-way isolation (Input to Output to Power) |
| **Mounting** | DIN rail mounting |
| **Standards** | CE marking compliant |
---
### 2. Key Electronic Components & Functions
The internal architecture of this module is designed for signal integrity and noise rejection.
#### A. Input Stage (4-20mA)
* **Precision Shunt Resistor:** Converts the current input into a voltage that the internal circuitry can process.
* **Surge Protectors:** Protects the device from voltage spikes on the loop.
#### B. Isolation Circuitry
* **Optical or Transformer Isolation:** This is the core "electronic" feature. It breaks the electrical path between input and output, preventing ground loops and protecting sensitive PLC/DCS inputs from field noise.
* **Dielectric Strength:** Usually rated at 2000V AC for 1 minute.
#### C. Output Stage (1-5V)
* **Operational Amplifiers (Op-Amps):** Used to scale and buffer the signal to ensure the 1-5V output remains linear and stable regardless of the load resistance (up to a certain limit).
* **Potentiometers:** Small trimmers located on the front of the unit for **Zero** and **Span** adjustments, allowing the user to calibrate the output precisely.
#### D. Power Management
* **DC-DC Converter:** Converts the 24V DC input into the internal voltages required by the analog circuits while maintaining isolation from the power source.
---
### 3. Model Code Breakdown
The specific suffix **"4WE-R2/CE"** tells us the exact hardware configuration:
* **4:** Input is 4 – 20 mA DC.
* **W:** Dual Output (Output 1 and Output 2).
* **E:** Both outputs are 1 – 5 V DC.
* **R2:** Power supply requirement is 24 V DC (Ripple 10% p-p max).
* **CE:** Built to European Conformity standards for safety and EMC.
---
### 4. Installation & Safety
* **Wiring:** Uses M3 screw terminals. It is recommended to use crimp terminals.
* **Environment:** Should be installed in a location free from corrosive gases and vibration, typically inside an electrical cabinet.
- ⤷
What is the maximum load resistance supported for the 1-5V outputs?
- ⤷ How do I perform Zero and Span calibration on this specific model?
- ⤷ Can the input be changed from current to voltage in the field?