M2VF2-4WE-R2/UL
AI

The **M2VF2-4WE-R2/UL** is a high-performance, signal-conditioning transducer manufactured by **M-System** (now part of MG CO., LTD). It is primarily used to convert two independent variable frequency pulse signals into standard DC output signals.
---
### 1. Component Overview
This device is a **Dual-Channel Frequency to DC Transmitter**. It belongs to the "Mini-M" series, known for its compact, plug-in base socket design which facilitates easy maintenance and wiring.
### 2. Technical Specifications
The breakdown of the model code reveals its specific electronic characteristics:
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Model Series** | M2VF2 | Dual Frequency to DC Transmitter |
| **Input Signal** | 4 | Pulse (Voltage pulse, open collector, or contact) |
| **Output Signal** | W | Two isolated DC outputs (Dual Output) |
| **Power Input** | E | 24V DC |
| **Option 1** | R2 | Dual channel (Independent processing) |
| **Standard** | UL | UL/C-UL Class 1 Div 2 approved (Hazardous locations) |
### 3. Key Electronic Parameters
#### A. Input Characteristics
* **Input Frequency:** Typically ranges from 0–10 Hz up to 0–10 kHz (field-configurable).
* **Detection Levels:** Capable of detecting pulses from dry contacts, voltage pulses (2V to 30V), or NPN open collectors.
* **Built-in Excitation:** Provides a specific voltage (usually 12V DC) to power external sensors like flowmeters or proximity switches.
#### B. Output Characteristics
* **Signal Types:** Standard industrial signals such as 4–20mA DC or 1–5V DC.
* **Response Time:** Adjustable via internal jumpers or software to filter noise.
* **Linearity:** ±0.1% accuracy, ensuring high precision for control loops.
#### C. Isolation and Protection
* **Galvanic Isolation:** 4-way isolation (Input 1 to Input 2 to Output to Power).
* **Safety Standards:** The `/UL` suffix indicates the electronics are housed and designed to meet North American safety standards for explosive atmospheres (Non-incendive).
---
### 4. Circuit Diagram Logic
The internal electronic workflow follows this path:
1. **Pulse Detection:** A comparator circuit detects the frequency and strips away noise.
2. **Frequency-to-Voltage (F/V) Conversion:** An integrated circuit or microcontroller calculates the frequency based on a time base.
3. **Scaling/Amplification:** The digital value is converted back to an analog signal through a D/A converter.
4. **Output Driver:** A current/voltage driver sends the signal to the PLC or DCS.
---
### 5. Common Applications
* **Flow Measurement:** Converting pulses from turbine flowmeters into 4-20mA signals.
* **Tachometers:** Measuring motor RPM from magnetic pickup sensors.
* **Speed Control:** Integrating frequency-based speed data into automation systems.
- ⤷
How do you calibrate the frequency range on the M2VF2?
- ⤷ What are the specific wiring requirements for an open collector input?
- ⤷ Can this module be used with a 110V AC power source instead of 24V DC?