Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2VF2-5W5-R/UL

  • AI
    The **M2VF2-5W5-R/UL** is a high-performance, industrial-grade AC-DC power supply module, typically manufactured by companies like **Minmax** or specialized industrial power solution providers. It is designed for PCB mounting and is optimized for space-constrained applications requiring high isolation and reliability. --- ## 1. Technical Specifications The following table outlines the core electronic characteristics of the M2VF2-5W5-R/UL: | Parameter | Specification | Details | | :--- | :--- | :--- | | **Input Voltage Range** | 85–264 VAC / 120–370 VDC | Universal AC input range | | **Output Voltage** | 5 VDC | Regulated DC output | | **Output Power** | 5 Watts | Maximum continuous power | | **Output Current** | 1000 mA (1A) | Rated load current | | **Efficiency** | ~78% - 80% | Energy conversion efficiency | | **Isolation Voltage** | 3000 VAC | Input to output protection | | **Package Type** | Encapsulated Module | PCB Mountable (Through-hole) | --- ## 2. Key Electronic Features The "UL" suffix in the part number indicates compliance with **Underwriters Laboratories** safety standards, ensuring the device meets rigorous fire and electrical safety benchmarks. ### A. Protection Circuits The module contains internal circuitry to prevent damage to both the power supply and the connected load: * **Short Circuit Protection:** Hiccup mode, with auto-recovery once the fault is removed. * **Overload Protection:** Limits output current to prevent overheating. * **Overvoltage Protection:** Clamps the output voltage if internal regulation fails. ### B. EMI/EMC Compliance The device includes internal filtering components (capacitors and inductors) to comply with **EN55032 Class B** for conducted emissions, reducing the need for external filtering components on the PCB. ### C. Physical Construction * **Encapsulation:** The internal components are potted in a plastic case using thermally conductive resin. This provides vibration resistance and excellent heat dissipation. * **Small Footprint:** Designed for "Power Density," allowing 5W of power in a very small cubic area. --- ## 3. Typical Application Schematic When integrating this part, designers usually follow a standard layout to ensure longevity: ```c [AC Input] --- [Fuse (2A/250V Slow)] --- [MOV (Varistor)] --- [M2VF2-5W5-R/UL] --- [Low ESR Cap] --- [Load] ``` * **Fuse:** Recommended for safety at the AC Line input. * **MOV:** Added for enhanced surge protection in harsh industrial environments. * **Output Capacitor:** A small 10uF - 47uF electrolytic capacitor can be added to the output to further reduce ripple/noise. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout dimensions for PCB footprinting?
    • ⤷ Does this model support medical-grade isolation (60601-1)?
    • ⤷ What is the operating temperature range without derating?