M2VF2-B4W-R2/CE
AI

The **M2VF2-B4W-R2/CE** is a high-performance, compact signal transducer (isolator) manufactured by **M-System**. It is designed to convert a variable frequency pulse signal into a standard DC output signal (Voltage or Current).
---
### 1. Key Technical Specifications
| Feature | Specification |
|:---|:---|
| **Model Series** | M2V Series (Mini-M) |
| **Input Type** | Variable Frequency (Dry contact, Open collector, or Voltage pulse) |
| **Output Type** | DC Voltage or Current (Factory specified) |
| **Power Input (R2)** | 11–27V DC |
| **Response Time** | Max. 2 seconds (0–100%) |
| **Accuracy** | ±0.1% of span |
| **Isolation** | Input to output to power (2000V AC) |
| **Certifications** | CE Marking |
---
### 2. Breakdown of the Model Number (Coding)
Understanding the alphanumeric suffix is critical for identifying the specific electronic capabilities of this unit:
* **M2VF2**: Frequency Transmitter (converts Hz to DC).
* **B**: Input code. Typically handles Open Collector or Mechanical Contact.
* **4W**: Output code. Generally indicates a 4-20mA DC or specific high-load voltage output (refer to manual for specific voltage range).
* **R2**: Power Input. Indicates 11–27V DC.
* **CE**: European Conformity (Electromagnetic Compatibility and Safety).
---
### 3. Electronic Functional Blocks
The internal circuitry of the M2VF2-B4W-R2/CE consists of four primary stages:
1. **Input Conditioning:** Filters the incoming frequency signal to remove noise and bounces (especially for mechanical contacts).
2. **Frequency-to-Voltage Converter (F/V):** The core microprocessor or analog circuit that calculates the frequency based on pulse intervals and converts it to a proportional internal voltage.
3. **Galvanic Isolation:** Uses an optical or magnetic isolator to separate the input, output, and power circuits. This prevents ground loops and protects sensitive PLC/DCS equipment from high-voltage surges.
4. **Output Driver:** Scales the internal signal to the final DC output (e.g., 4-20mA) and ensures it can drive the connected load resistance.
---
### 4. Connection Diagram (Simplified)
```text
[ Field Device ] [ M2VF2 ] [ Controller/PLC ]
(Flow Meter) ----Pulse----> [Input] ---DC---> (Analog Input Card)
[Power]
|
(24V DC Source)
```
---
### 5. Common Applications
* **Flow Measurement:** Converting pulses from a turbine flow meter into a 4-20mA signal for a PLC.
* **Motor Speed Monitoring:** Translating pulses from a proximity switch or encoder on a rotating shaft into a tachometer display signal.
* **System Integration:** Providing signal isolation in environments with high electrical noise.
- ⤷What are the specific wiring pinouts for the M2VF2-B4W-R2/CE?
- ⤷ How do I calibrate the zero and span on this frequency transmitter?
- ⤷ What is the maximum frequency range this model can handle?