M2VF2-B5W-R/CE
AI

The **M2VF2-B5W-R/CE** is a high-performance, signal conditioning transducer (specifically a signal isolator/transmitter) manufactured by **M-System**. It is designed to convert a variable frequency pulse input into a standard analog DC output.
---
### 1. Technical Specifications
The following table outlines the primary electronic characteristics of this specific model:
| Parameter | Specification |
| :--- | :--- |
| **Model Series** | M2VF2 (Ultra-slim Signal Conditioner) |
| **Input Type** | Pulse (Dry contact, voltage pulse, or open collector) |
| **Output Type** | 4 – 20 mA DC (Current output) |
| **Power Input (R)** | 24V DC |
| **Frequency Range (B5)** | Custom Range (Typically 0 – 500 Hz to 0 – 10 kHz) |
| **Accuracy** | ±0.1% of span |
| **Isolation** | 3-way isolation (Input to output to power) |
| **Mounting** | DIN Rail |
---
### 2. Breakdown of the Model Code
The alphanumeric suffix defines the internal electronic configuration:
* **M2VF2**: The base model series (Frequency Transmitter).
* **B5**: Represents the specific input frequency range configuration (Voltage pulse or similar).
* **W**: Indicates the specific output range (usually a standard 4-20mA or 1-5V variation).
* **R**: Power supply requirement (**24V DC**).
* **CE**: Compliance with European Safety and Electromagnetic Compatibility standards.
---
### 3. Electronic Functionality
The device operates through three main electronic stages:
1. **Input Conditioning**: The pulse signal from a sensor (like a flow meter or tachometer) is filtered to remove noise.
2. **Conversion (F/V or F/I)**: The internal circuitry performs Frequency-to-Voltage or Frequency-to-Current conversion. It calculates the time between pulses and generates a proportional steady-state signal.
3. **Isolation & Output**: Using an optical isolator or transformer, the device separates the input, output, and power circuits. This prevents ground loops and protects sensitive PLC/DCS inputs from high-voltage surges on the field side.
---
### 4. Application Example
This part is commonly used in industrial automation for:
* Converting **flow meter** pulses into a 4-20mA signal for a PLC.
* Monitoring **motor speed** (RPM) via a proximity sensor.
* Integrating legacy pulse-output hardware into modern analog control loops.
- ⤷
What is the specific input frequency range for the B5 configuration?
- ⤷ Can this unit be powered by 110V AC instead of 24V DC?
- ⤷ What is the maximum load resistance for the 4-20mA output?